Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VKC03 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. VKC03
Description  Isolated and Regulated 3 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VKC03 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VKC03 Datasheet HTML 1Page - List of Unclassifed Manufacturers VKC03 Datasheet HTML 2Page - List of Unclassifed Manufacturers VKC03 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Isolated and Regulated 3 WATT Modular DC/DC Converters
V K C 0 3 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
OUTPUT DERATING CURVE
MECHANICAL DIMENSIONS
Pin #
Single Outputs Dual Outputs
1
+ Input
+ Input
2
+ Input
+ Input
10
N/C
Common
11
N/C
Common
12
- Output
N/C
13
+ Output
- Output
15
N/C
+ Output
20
Control
Control
23
- Input
- Input
24
- Input
- Input
24
15
13
23
2
1
10
11
12
0.60(15.2)
0.80(20.3)
0.40
(10.2)
0.15
(3.8)
0.18(4.6)
BOTTOM
VIEW
20
Pin size is 0.02(0.5) Dia or
0.01 x 0.02 (0.25 x 0.50)
Rectangular Pin
50 60 70 80 90 100
-40 -25
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
VKC03-48S05 Derating Curve
Nature convection


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SU20 Isolated and Regulated 20 WATT Modular DC/DC Converters 1  2  3  List of Unclassifed Manufacturers
SB08 Isolated and Regulated 8 WATT Modular DC/DC Converters 1  2  3  List of Unclassifed Manufacturers
FDC20-12S33 Isolated and Regulated 20 WATT Modular DC/DC Converters 1  2  3  4  List of Unclassifed Manufacturers
ASD05H Isolated and Regulated 5 WATT Open Frame DC/DC Converter 1  2  3  List of Unclassifed Manufacturers
ASD35 5V Input 3 WATT Modular DC/DC Converters 1  2  3  List of Unclassifed Manufacturers
TPS60120_07 REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS 1  2  3  4  5  More Texas Instruments
0RLC-10TXXX ISOLATED DC/DC CONVERTERS 1  2  3  4  5  More Bel Fuse Inc.
SMFL Single and Dual DC/DC Converters 1  2  3  4  5  More Interpion semiconductor
CK2540-9ERD3TB1 150 Watt DC-DC and AC-DC Converters 1  2  3  4  5  More Power-One
0RLC-25T ISOLATED DC/DC CONVERTERS 1  2  3  4  5  More Bel Fuse Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn