Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TYN612MRG Datasheet(PDF) 7 Page - STMicroelectronics

Part # TYN612MRG
Description  12 A SCR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN612MRG Datasheet(HTML) 7 Page - STMicroelectronics

  TYN612MRG Datasheet HTML 1Page - STMicroelectronics TYN612MRG Datasheet HTML 2Page - STMicroelectronics TYN612MRG Datasheet HTML 3Page - STMicroelectronics TYN612MRG Datasheet HTML 4Page - STMicroelectronics TYN612MRG Datasheet HTML 5Page - STMicroelectronics TYN612MRG Datasheet HTML 6Page - STMicroelectronics TYN612MRG Datasheet HTML 7Page - STMicroelectronics TYN612MRG Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TYN612M
Ordering information
7/8
4
Ordering information
5
Revision history
Ordering type
Marking
Package
Weight
Base qty Delivery mode
TYN612MRG
TYN612M
TO-220AB
2.3 g
50
Tube
TYN612MFP
TYN612MFP
TO-220AB
2.0 g
50
Tube
Date
Revision
Description of Changes
Sep-2002
1A
Last update.
10-Fev-2005
2
TO-220FPAB package added.
11-Apr-2007
3
Reformatted to current standards. Added typical and minimum
values for VGT in Table 2.
17-Apr-2007
4
Added VGT curve in Figure 6.


Similar Part No. - TYN612MRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN612MRG STMICROELECTRONICS-TYN612MRG Datasheet
72Kb / 7P
   Suitable to Fit modes of control found in Applications such as Voltage regulation Circuits for Motorbikes
logo
Kersemi Electronic Co.,...
TYN612MRG KERSEMI-TYN612MRG Datasheet
458Kb / 7P
   12 A SCR
More results

Similar Description - TYN612MRG

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
TYN612M KERSEMI-TYN612M Datasheet
458Kb / 7P
   12 A SCR
TN1205T-600B KERSEMI-TN1205T-600B Datasheet
541Kb / 7P
   12 A SCR
logo
NXP Semiconductors
BT151-800R NXP-BT151-800R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 800 V, SOT78
Rev. 05-2 March 2009
BT151-500R NXP-BT151-500R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-500L PHILIPS-BT151-500L Datasheet
153Kb / 11P
   SCR, 12 A, 5mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-500L NXP-BT151-500L Datasheet
161Kb / 11P
   SCR, 12 A, 5mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-650R NXP-BT151-650R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 650 V, SOT78
Rev. 05-27 February 2009
BT151-500RT NXP-BT151-500RT Datasheet
166Kb / 11P
   SCR, 12 A, 15 mA, 500 V, SOT78
Rev. 01-18 May 2009
BT151-650L NXP-BT151-650L Datasheet
161Kb / 11P
   SCR, 12 A, 5 mA, 650 V, SOT78
Rev. 05-2 March 2009
logo
Vishay Siliconix
VSKT170 VISHAY-VSKT170_10 Datasheet
311Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Revision: 02-Jul-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com