Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1173S291D Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R1173S291D
Description  Super low on resistance/Low voltage LDO
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1173S291D Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R1173S291D Datasheet HTML 3Page - RICOH electronics devices division R1173S291D Datasheet HTML 4Page - RICOH electronics devices division R1173S291D Datasheet HTML 5Page - RICOH electronics devices division R1173S291D Datasheet HTML 6Page - RICOH electronics devices division R1173S291D Datasheet HTML 7Page - RICOH electronics devices division R1173S291D Datasheet HTML 8Page - RICOH electronics devices division R1173S291D Datasheet HTML 9Page - RICOH electronics devices division R1173S291D Datasheet HTML 10Page - RICOH electronics devices division R1173S291D Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
R1173x
7
Technical Notes on External Components and Typical Application
(Refer to the example of typical application)
VOUT
V
R1173xxx
Series
VIN
C1
VDD
GND
CE
IOUT
C2
VOUT
ADJ
Example of the typical application of R1173x (Fixed Output Type)
Phase Compensation
In these ICs, phase compensation is made with the output capacitor for securing stable operation even if the
load current is varied. For this purpose, use as much as a capacitor as C2. Recommendation value is as follows:
Mounting on PCB
Make VDD and GND lines sufficient. If their impedance is high, a current flows, the noise picked up or unstable
operation may result. Further use a 4.7
µF or more value capacitor between VDD pin and GND pin as close as
possible.
Set an Output capacitor between VOUT pin and GND pin for phase compensation as close as possible.
Output Voltage
C2 recommendation value
Components Recommendation
VOUT<1.0V
Tantalum 4.7
µF or more
1.0 <
= VOUT<3.3V
Ceramic 4.7
µF or more
Kyocera 4.7
µF (1608)
Part Number: CM105X5R475M06AB
Murata 4.7
µF (1608)
Part Number: GRM188R60J475KE19B
Murata 10
µF (1608)
Part Number: GRM188B30G106ME46B
3.3V <
= VOUT
Ceramic 4.7
µF or more
Kyocera 4.7
µF (thin 2012) Part Number: CT21X5R475M06AB
Murata 10
µF (1608)
Part Number: GRM188B30G106ME46B
If you use a tantalum type capacitor and ESR value of the capacitor is large, output might be unstable.
Evaluate your circuit with considering frequency characteristics.
Depending on the capacitor size, manufacturer, and part number, the bias characteristics and temperature
characteristics are different. Evaluate the circuit with actual using capacitors.


Similar Part No. - R1173S291D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1173S201B-E2-FE RICOH-R1173S201B-E2-FE Datasheet
546Kb / 26P
   Super low on resistance/Low voltage LDO
R1173S201D-E2-FE RICOH-R1173S201D-E2-FE Datasheet
546Kb / 26P
   Super low on resistance/Low voltage LDO
R1173S251B-E2-FE RICOH-R1173S251B-E2-FE Datasheet
546Kb / 26P
   Super low on resistance/Low voltage LDO
R1173S251D-E2-FE RICOH-R1173S251D-E2-FE Datasheet
546Kb / 26P
   Super low on resistance/Low voltage LDO
More results

Similar Description - R1173S291D

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1173X NISSHINBO-R1173X Datasheet
1Mb / 38P
   Super low on resistance/Low voltage LDO
logo
RICOH electronics devic...
R1173 RICOH-R1173 Datasheet
546Kb / 26P
   Super low on resistance/Low voltage LDO
R1172 RICOH-R1172 Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
R1172N081A RICOH-R1172N081A Datasheet
838Kb / 36P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Nisshinbo Micro Devices...
R1172X NISSHINBO-R1172X Datasheet
519Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
RICOH electronics devic...
R1172N081 RICOH-R1172N081_17 Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Unisonic Technologies
LR9273 UTC-LR9273_17 Datasheet
287Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
LR9273 UTC-LR9273 Datasheet
285Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
LR9272G-XX-AA3-C-R UTC-LR9272G-XX-AA3-C-R Datasheet
220Kb / 5P
   SUPER LOW ON RESISTANCE
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com