Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5323Z031B Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # R5323Z031B
Description  150mA 2ch LDO REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5323Z031B Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button R5323Z031B Datasheet HTML 7Page - RICOH electronics devices division R5323Z031B Datasheet HTML 8Page - RICOH electronics devices division R5323Z031B Datasheet HTML 9Page - RICOH electronics devices division R5323Z031B Datasheet HTML 10Page - RICOH electronics devices division R5323Z031B Datasheet HTML 11Page - RICOH electronics devices division R5323Z031B Datasheet HTML 12Page - RICOH electronics devices division R5323Z031B Datasheet HTML 13Page - RICOH electronics devices division R5323Z031B Datasheet HTML 14Page - RICOH electronics devices division R5323Z031B Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
R5323x
11
4) Output Voltage vs. Temperature
1.5V (VR1)
1.5V (VR2)
1.54
1.53
1.52
1.51
1.50
1.49
1.48
1.47
1.46
Temperature Topt(
°C)
-50
-25
0
50
75
100
25
VIN=2.5V, IOUT=30mA
1.54
1.53
1.52
1.51
1.50
1.49
1.48
1.47
1.46
-50
-25
0
50
75
100
25
VIN=2.5V, IOUT=30mA
Temperature Topt(
°C)
2.8V (VR1)
2.8V (VR2)
2.86
2.84
2.82
2.80
2.78
2.76
2.74
-50
-25
0
50
75
100
25
VIN=3.8V, IOUT=30mA
Temperature Topt(
°C)
2.86
2.84
2.82
2.80
2.78
2.76
2.74
-50
-25
0
50
75
100
25
VIN=3.8V, IOUT=30mA
Temperature Topt(
°C)
4.0V (VR1)
4.0V (VR2)
4.08
4.06
4.02
4.00
3.98
3.94
3.92
-50
-25
0
50
75
100
25
4.04
3.96
VIN=5.0V, IOUT=30mA
Temperature Topt(
°C)
4.08
4.06
4.02
4.00
3.98
3.94
3.92
-50
-25
0
50
75
100
25
4.04
3.96
VIN=5.0V, IOUT=30mA
Temperature Topt(
°C)


Similar Part No. - R5323Z031B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R5323N001A RICOH-R5323N001A Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R5323N001A-TR RICOH-R5323N001A-TR Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R5323N001B RICOH-R5323N001B Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R5323N001B-TR RICOH-R5323N001B-TR Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
More results

Similar Description - R5323Z031B

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5325X RICOH-R5325X Datasheet
632Kb / 25P
   150mA 2ch LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
R5326X RICOH-R5326X_07 Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
   150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
   150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
   150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com