Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C2V4 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BZX84C2V4
Description  Voltage Range 2.4 to 51 Volts 350m Watts Power Dissipation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX84C2V4 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BZX84C2V4 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX84C2V4 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX84C2V4 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
- 798 -
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Device
Device
Marking
IZT
(Note 1)
Code
ZZT @ IZT
IR
VR
Nom (V) Min (V) Max (V)
mA
Ohms
Ohms
mA
uA
V
Min
Max
BZX84C2V4
Z11
2.4
2.2
2.6
5.0
100
600
1.0
50
1.0
-3.5
0
BZX84C2V7
Z12
2.7
2.5
2.9
5.0
100
600
1.0
20
1.0
-3.5
0
BZX84C3V0
Z13
3.0
2.8
3.2
5.0
95
600
1.0
10
1.0
-3.5
0
BZX84C3V3
Z14
3.3
3.1
3.5
5.0
95
600
1.0
5.0
1.0
-3.5
0
BZX84C3V6
Z15
3.6
3.4
3.8
5.0
90
600
1.0
5.0
1.0
-3.5
0
BZX84C3V9
Z16
3.9
3.7
4.1
5.0
90
600
1.0
3.0
1.0
-3.5
0
BZX84C4V3
Z17
4.3
4.0
4.6
5.0
90
600
1.0
3.0
1.0
-3.5
0.0
BZX84C4V7
Z1
4.7
4.4
5.0
5.0
80
500
1.0
3.0
2.0
-3.5
0.2
BZX84C5V1
Z2
5.1
4.8
5.4
5.0
60
480
1.0
2.0
2.0
-2.7
1.2
BZX84C5V6
Z3
5.6
5.2
6.0
5.0
40
400
1.0
1.0
2.0
-2.0
2.5
BZX84C6V2
Z4
6.2
5.8
6.6
5.0
10
150
1.0
3.0
4.0
0.4
3.7
BZX84C6V8
Z5
6.8
6.4
7.2
5.0
15
80
1.0
2.0
4.0
1.2
4.5
BZX84C7V5
Z6
7.5
7.0
7.9
5.0
15
80
1.0
1.0
5.0
2.5
5.3
BZX84C8V2
Z7
8.2
7.7
8.7
5.0
15
80
1.0
0.7
5.0
3.2
6.1
BZX84C9V1
Z8
9.1
8.5
9.6
5.0
15
100
1.0
0.5
6.0
3.8
7.0
BZX84C10
Z9
10
9.4
10.6
5.0
20
150
1.0
0.2
7.0
4.5
8.0
BZX84C11
Y1
11
10.4
11.6
5.0
20
150
1.0
0.1
8.0
5.4
9.0
BZX84C12
Y2
12
11.4
12.7
5.0
25
150
1.0
0.1
8.0
6.0
10.0
BZX84C13
Y3
13
12.4
14.1
5.0
30
170
1.0
0.1
8.0
7.0
11.0
BZX84C15
Y4
15
13.8
15.6
5.0
30
200
1.0
0.1
10.5
9.2
13.0
BZX84C16
Y5
16
15.3
17.1
5.0
40
200
1.0
0.1
11.2
10.4
14.0
BZX84C18
Y6
18
16.8
19.1
5.0
45
225
1.0
0.1
12.6
12.4
16.0
BZX84C20
Y7
20
18.8
21.2
5.0
55
225
1.0
0.1
14.0
14.4
18.0
BZX84C22
Y8
22
20.8
23.3
5.0
55
250
1.0
0.1
15.4
16.4
20.0
BZX84C24
Y9
24
22.8
25.6
5.0
70
250
1.0
0.1
16.8
18.4
22.0
BZX84C27
Y10
27
25.1
28.9
2.0
80
300
0.5
0.1
18.9
21.4
25.3
BZX84C30
Y11
30
28
32
2.0
80
300
0.5
0.1
21.0
24.4
29.4
BZX84C33
Y12
33
31
35
2.0
80
325
0.5
0.1
23.1
27.4
33.4
BZX84C36
Y13
36
34
38
2.0
90
350
0.5
0.1
25.2
30.4
37.4
BZX84C39
Y14
39
37
41
2.0
130
350
0.5
0.1
27.3
33.4
41.2
BZX84C43
Y15
43
40
46
2.0
150
375
0.5
0.1
30.1
10.0
12.0
BZX84C47
Y16
47
44
50
2.0
170
375
0.5
0.1
32.9
10.0
12.0
BZX84C51
Y17
51
48
54
2.0
180
400
0.5
0.1
35.7
10.0
12.0
Notes: 1. Valid provided that device terminals are kept at ambient temperature.
2. Tested with pulses, 300us pulse width, period = 5ms.
3. f = 1KHz.
Zener Voltage Range (Note 2)
Vz @ Izt
Impedance (Note 3)
Current
mV /
OC
Typical Temerature
Maximum Reverse
Maximum Zener
Coefficient
@ IZT
ZZK @ IZK


Similar Part No. - BZX84C2V4

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BZX84C2V4 WTE-BZX84C2V4 Datasheet
56Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4 Datasheet
204Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Vishay Siliconix
BZX84C2V4 VISHAY-BZX84C2V4 Datasheet
114Kb / 8P
   Small Signal Zener Diodes
Rev. 2.0, 28-Feb-13
logo
Pan Jit International I...
BZX84C2V4 PANJIT-BZX84C2V4 Datasheet
98Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
RFE international
BZX84C2V4 RFE-BZX84C2V4 Datasheet
1Mb / 4P
   Zener Diodes
OCT-11-2023
More results

Similar Description - BZX84C2V4

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX85C TSC-BZX85C Datasheet
150Kb / 5P
   Voltage Range 2.4 to 212 Volts 1.3Watts Power Dissipation
logo
GOOD-ARK Electronics
1N5221 GOOD-ARK-1N5221_15 Datasheet
115Kb / 3P
   Zener Diodes Zener Voltage Range: 2.4 to 200 Volts Power Dissipation: 500mW
logo
Micro Commercial Compon...
BZT52C2V4 MCC-BZT52C2V4_13 Datasheet
463Kb / 4P
   500 mW Zener Diode 2.4 to 51 Volts
logo
Rectron Semiconductor
SD05C RECTRON-SD05C Datasheet
426Kb / 6P
   VOLTAGE RANGE 5 Volts POWER RATING 350 Watts
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728_15 Datasheet
93Kb / 3P
   Zener Diodes VZ Range: 3.3 to 100 Volts Power Dissipation: 1.0W
1N746 GOOD-ARK-1N746_15 Datasheet
57Kb / 2P
   Zener Diodes VZ Range 3.3 to 12 Volts Power Dissipation 500mW
logo
Lite-On Technology Corp...
L05ESDL5V0NA-4 LITEON-L05ESDL5V0NA-4 Datasheet
259Kb / 7P
   ESD PROTECTION DEVICE STAND-OFF VOLTAGE - 5.0 Volts POWER DISSIPATION - 50 Watts
REV. 5
logo
Comchip Technology
TV15C5V0-171 COMCHIP-TV15C5V0-171 Datasheet
2Mb / 4P
   Working Peak Reverse Voltage : 5.0 - 170 Volts , Power Dissipation : 1500 Watts , RoHS Device
logo
Shenzhen Luguang Electr...
5KP350A LUGUANG-5KP350A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP210A LUGUANG-5KP210A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com