Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1173D001D Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1173D001D
Description  Super low on resistance/Low voltage LDO
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1173D001D Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1173D001D Datasheet HTML 1Page - RICOH electronics devices division R1173D001D Datasheet HTML 2Page - RICOH electronics devices division R1173D001D Datasheet HTML 3Page - RICOH electronics devices division R1173D001D Datasheet HTML 4Page - RICOH electronics devices division R1173D001D Datasheet HTML 5Page - RICOH electronics devices division R1173D001D Datasheet HTML 6Page - RICOH electronics devices division R1173D001D Datasheet HTML 7Page - RICOH electronics devices division R1173D001D Datasheet HTML 8Page - RICOH electronics devices division R1173D001D Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
R1173x
5
ELECTRICAL CHARACTERISTICS
R1173xxxxB/D (Fixed Output Voltage Type)
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max. Unit
VIN
Input Voltage
1.4
6.0
V
ISS
Supply Current
VIN
−VOUT=1.0V, VCE=VIN, IOUT=0A
60
100
µA
Istandby
Standby Current
VIN
= 6.0V, VCE=0V
0.1
1.0
µA
VOUT>1.5V
×0.98
×1.02
V
VOUT
Output voltage
VIN
−VOUT=1.0V
IOUT
=100mA
VOUT <
= 1.5V
−30
+30
mV
IOUT
Output Current
VIN
−VOUT=1.0V
1
A
VIN
−VOUT=0.3V, 1mA <
= IOUT <
= 300mA
If VOUT <
= 1.1V, then VIN=1.4V
−15
−2
15
∆VOUT/
∆IOUT
Load regulation
VIN
−VOUT=0.3V, 1mA <
= IOUT <
= 1A
If VOUT <
= 1.1V, then VIN=1.7V
−3
mV
VDIF
Dropout Voltage
Refer to the following table
∆VOUT/
∆VIN
Line regulation
IOUT
=100mA, VOUT+0.5V <
= VIN <
= 6.0V
If VOUT <
= 0.9V, 1.4V <
= VIN <
= 6.0V
0.05
0.20
%/V
RR
Ripple Rejection
f
=1kHz (VOUT <
= 4.0V)
f
=1kHz (VOUT>4.0V)
Ripple 0.5Vp-p,VIN
−VOUT=1.0V, IOUT=100mA
If VOUT <
= 1.2V, VIN−VOUT=1.5V, IOUT=100mA
70
60
dB
∆VOUT/
∆Topt
Output Voltage
Temperature Coefficient
IOUT
=100mA,
−40°C <
= Topt <
= 85°C
±100
ppm/
°C
Ilim
Short Current Limit
VOUT
=0V
250
mA
RPD
Pull-down resistance
for CE pin
1.9
5.0
15.0
M
VCEH
CE Input Voltage "H"
1.0
6.0
V
VCEL
CE Input Voltage "L"
0
0.4
V
TTSD
Thermal Shutdown Detector
Threshold Temperature
Junction Temperature
150
°C
TTSR
Thermal Shutdown
Released Temperature
Junction Temperature
120
°C
en
Output Noise
BW
=10Hz to 100kHz
30
µVrms
Dropout Voltage by Output Voltage
Topt
=25°C
Dropout Voltage VDIF (V)
IOUT
=300mA
IOUT
=1A
Output Voltage
VOUT (V)
Typ.
Max.
Typ.
0.8 <
= VOUT < 0.9
0.33
0.57
0.72
0.9 <
= VOUT < 1.0
0.22
0.47
0.64
1.0 <
= VOUT < 1.5
0.18
0.32
0.56
1.5 <
= VOUT < 2.6
0.10
0.15
0.32
2.6 <
= VOUT
0.05
0.10
0.18


Similar Part No. - R1173D001D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1173D081B-TR-FE RICOH-R1173D081B-TR-FE Datasheet
546Kb / 26P
   Super low on resistance/Low voltage LDO
R1173D081D-TR-FE RICOH-R1173D081D-TR-FE Datasheet
546Kb / 26P
   Super low on resistance/Low voltage LDO
More results

Similar Description - R1173D001D

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1173X NISSHINBO-R1173X Datasheet
1Mb / 38P
   Super low on resistance/Low voltage LDO
logo
RICOH electronics devic...
R1173 RICOH-R1173 Datasheet
546Kb / 26P
   Super low on resistance/Low voltage LDO
R1172 RICOH-R1172 Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
R1172N081A RICOH-R1172N081A Datasheet
838Kb / 36P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Nisshinbo Micro Devices...
R1172X NISSHINBO-R1172X Datasheet
519Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
RICOH electronics devic...
R1172N081 RICOH-R1172N081_17 Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Unisonic Technologies
LR9273 UTC-LR9273_17 Datasheet
287Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
LR9273 UTC-LR9273 Datasheet
285Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
LR9272G-XX-AA3-C-R UTC-LR9272G-XX-AA3-C-R Datasheet
220Kb / 5P
   SUPER LOW ON RESISTANCE
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com