Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISP3180 Datasheet(PDF) 5 Page - Power Innovations Ltd

Part # TISP3180
Description  DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP3180 Datasheet(HTML) 5 Page - Power Innovations Ltd

  TISP3180 Datasheet HTML 1Page - Power Innovations Ltd TISP3180 Datasheet HTML 2Page - Power Innovations Ltd TISP3180 Datasheet HTML 3Page - Power Innovations Ltd TISP3180 Datasheet HTML 4Page - Power Innovations Ltd TISP3180 Datasheet HTML 5Page - Power Innovations Ltd TISP3180 Datasheet HTML 6Page - Power Innovations Ltd TISP3180 Datasheet HTML 7Page - Power Innovations Ltd TISP3180 Datasheet HTML 8Page - Power Innovations Ltd TISP3180 Datasheet HTML 9Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
NOVEMBER 1986 - REVISED SEPTEMBER 1997
TISP3180
DUAL SYMMETRICAL TRANSIENT
VOLTAGE SUPPRESSORS
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
A and C, or B and C terminals
Figure 4.
Figure 5.
Figure 6.
Figure 7.
HOLDING CURRENT & BREAKOVER CURRENT
T
J - Junction Temperature - °C
-25
0
25
50
75
100
125
150
0·01
0·1
1
TCS3MAC
JUNCTION TEMPERATURE
vs
I
H
I
(BO)
OFF-STATE CURRENT
T
J - Junction Temperature - °C
-25
0
25
50
75
100
125
150
0·001
0·01
0·1
1
10
TCS3MAD
JUNCTION TEMPERATURE
vs
VD = ±50 V
ON-STATE VOLTAGE
T
J - Junction Temperature - °C
-25
0
25
50
75
100
125
150
0
0
1
2
2
3
3
TCS3MAE
JUNCTION TEMPERATURE
vs
I
T = ±5A
NORMALISED BREAKOVER VOLTAGE
di/dt - Rate of Rise of Principle Current - A/µs
0·001
0·01
0·1
1
10
100
1.0
1.1
1.2
1.3
1.4
TCS3MAI
vs
RATE OF RISE OF PRINCIPLE CURRENT


Similar Part No. - TISP3180

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP3180F3 POINN-TISP3180F3 Datasheet
451Kb / 17P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Bourns Electronic Solut...
TISP3180F3 BOURNS-TISP3180F3 Datasheet
699Kb / 12P
   MEDIUM-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3180H3 BOURNS-TISP3180H3 Datasheet
562Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3180H3 BOURNS-TISP3180H3 Datasheet
353Kb / 12P
   Overvoltage Protector Series
logo
Power Innovations Ltd
TISP3180L POINN-TISP3180L Datasheet
112Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - TISP3180

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP2290 POINN-TISP2290 Datasheet
211Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2240F3 POINN-TISP2240F3 Datasheet
609Kb / 18P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2290L POINN-TISP2290L Datasheet
125Kb / 6P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3125F3 POINN-TISP3125F3 Datasheet
451Kb / 17P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3290 POINN-TISP3290 Datasheet
110Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2082L POINN-TISP2082L Datasheet
112Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3082 POINN-TISP3082 Datasheet
123Kb / 6P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3240F3 POINN-TISP3240F3 Datasheet
457Kb / 17P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2180 POINN-TISP2180 Datasheet
210Kb / 11P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2310L POINN-TISP2310L Datasheet
113Kb / 5P
   DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com