Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF11S Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SF11S
Description  1.0 AMP. Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF11S Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SF11S_1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF11S_1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
NONINDUCTIVE
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
RATINGS AND CHARACTERISTIC CURVES (SF11S THRU SF18S)
FIG.5- TYPICAL FORWARD CHARACTERISTICS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
100
10
1
0.1
0.01
FORWARD VOLTAGE. (V)
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
SF15S~SF16S
SF
17
S~
SF
18
S
FIG.2- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.1
1
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=100 C
0
FIG.4- TYPICAL JUNCTION CAPACITANCE
0.1
0.5
1
5
2
10
20
50
100 200
500 1000
REVERSE VOLTAGE. (V)
SF1
1S~SF14S
SF15S~SF18S
20
40
60
80
100
120
140
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
5
10
20
100
50
5
10
25
20
30
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
15
0
35
Version: A06
FIG.1- MAXIMUM AVERAGE FORWARD CURRENT
DERATING
0
25
50
100
150
175
125
75
0
1.0
1.5
0.5
AMBIENT TEMPERATURE. ( C)
O
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375" (9.5mm)
Lead Length


Similar Part No. - SF11S_1

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
SF11S TMT-SF11S_1 Datasheet
44Kb / 2P
   1.0 AMP. Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SF11S TSC-SF11S_10 Datasheet
567Kb / 2P
   1.0 AMP. Super Fast Rectifiers
SF11S TSC-SF11S_14 Datasheet
377Kb / 4P
   Super Fast Rectifiers
More results

Similar Description - SF11S_1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF11 TSC-SF11_1 Datasheet
257Kb / 2P
   1.0 AMP. Super Fast Rectifiers
logo
Taiwan Memory Technolog...
SF11S_B08 TMT-SF11S_B08 Datasheet
44Kb / 2P
   1.0 AMP. Super Fast Rectifiers
logo
Nanjing International G...
ES1A DGNJDZ-ES1A Datasheet
40Kb / 2P
   1.0 AMP SUPER FAST RECTIFIERS
SF11 DGNJDZ-SF11 Datasheet
203Kb / 2P
   1.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF11 FORMOSA-SF11 Datasheet
36Kb / 2P
   1.0 AMP SUPER FAST RECTIFIERS
logo
Goodwork Semiconductor ...
SF11S GWSEMI-SF11S Datasheet
71Kb / 2P
   1.0 AMP SUPER FAST RECTIFIERS
logo
DIYI Electronic Technol...
SF11 DYELEC-SF11 Datasheet
703Kb / 2P
   1.0 AMP. Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SF11S TSC-SF11S Datasheet
64Kb / 2P
   1.0 AMP. Super Fast Rectifiers
logo
Goodwork Semiconductor ...
1U1 GWSEMI-1U1 Datasheet
70Kb / 2P
   1.0 AMP SUPER FAST RECTIFIERS
SF11 GWSEMI-SF11 Datasheet
71Kb / 2P
   1.0 AMP SUPER FAST RECTIFIERS
logo
DIYI Electronic Technol...
1E1 DYELEC-1E1 Datasheet
754Kb / 2P
   1.0 AMP. Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com