Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDB13 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SDB13
Description  1.0 AMP. Schottky Barrier Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SDB13 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SDB13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SDB13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (SDB(S)12 THRU SDB(S)115)
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
10
100
0
10
20
40
30
50
NUMBER OF CYCLES AT 60Hz
AT RATED TL
8.3ms Single Half Sine Wave
JEDEC Method
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
50
60
70
80
90
100
110
120
170
160
150
140
130
0
0.5
1.0
LEAD TEMPERATURE. ( C)
o
RESISTIVE OR
INDUCTIVE LOAD
SDBS15-SDBS115
SDBS12-
14
SDBS
PCB MOUNTED ON 0.2X0.2"
(5.0X5.0mm) COPPER PAD AREAS
FIG.3- TYPICAL FORWARD CHARACTERISTICS
0
.2
.4
.6
.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10.0
50
FORWARD VOLTAGE. (V)
Tj=25 C
0
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.01
0.1
1
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=100 C
0
Tj=25 C
0
SDBS12-SDBS14
FIG.5- TYPICAL JUNCTION CAPACITANCE
.1
1.0
10
100
10
100
400
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
PULSE WIDTH=300 S
1% DUTY CYCLE
SDBS19-SDBS115
SDBS15-SDBS16
SDBS12-SDBS14
SDBS15-SDBS16
SDBS19-SDBS115
SDBS12-SDBS14
SDBS15-SDBS115
Version: A06
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS
1
0.01
0.1
10
100
100
10
1
0.1
T, PULSE DURATION. (sec)


Similar Part No. - SDB13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SDB13 TSC-SDB13 Datasheet
101Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SDB13 LUGUANG-SDB13 Datasheet
254Kb / 2P
   1.0 AMP. Schottky Barrier Bridge Rectifiers
logo
AUK corp
SDB130 AUK-SDB130 Datasheet
163Kb / 3P
   Schottky Barrier Diode
logo
KODENSHI_AUK CORP.
SDB130 KODENSHI-SDB130 Datasheet
235Kb / 5P
   30V, 1A SCHOTTKY BARRIER RECTIFIER
SDB130 KODENSHI-SDB130 Datasheet
228Kb / 5P
   SDB130-1
More results

Similar Description - SDB13

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SDB12 LUGUANG-SDB12 Datasheet
254Kb / 2P
   1.0 AMP. Schottky Barrier Bridge Rectifiers
logo
Taiwan Semiconductor Co...
SDBS12 TSC-SDBS12 Datasheet
101Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
SR102 TSC-SR102_10 Datasheet
527Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
List of Unclassifed Man...
SR160S ETC1-SR160S Datasheet
53Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5817 TSC-1N5817_1 Datasheet
61Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
1S2 DYELEC-1S2 Datasheet
792Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
Nanjing International G...
SR1100-1A-DO-41 DGNJDZ-SR1100-1A-DO-41 Datasheet
318Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
SB120U DYELEC-SB120U Datasheet
710Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
Nanjing International G...
1N5817-1A-DO-41 DGNJDZ-1N5817-1A-DO-41 Datasheet
206Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR220-2A-DO-41 DGNJDZ-SR220-2A-DO-41 Datasheet
212Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com