Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD1004 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SD1004
Description  1.0A Surface Mount Schottky Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SD1004 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SD1004 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SD1004 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-47-
RATINGS AND CHARACTERISTIC CURVES (SD1002THRU SD1006 )
FIG.4- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE. (V)
FIG.3-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
1
100
10
0.1
100
1.0
10
0
5
10
15
20
25
10
100
1000
8.3ms Single Half Sine-Wave
JEDEC Method
Tj=25 C
f =1MHz
FIG.1- FORWARD
CURVE
CURRENT DERATING
LEAD TEMPERATURE. ( C)
O
FIG.2-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE. (V)
0
0.5
1.0
0
1
2
3
4
5
10
40
140
0
0.2
0.4
0.6
0.8
1.0
60
80
100
120
Tj= 25 C
Pulse Width-300ms
2% Duty Cycle
O
Tj=125 C
O
Single Phase Half Wave
60Hz Resistive or Inductive Load
FIG.6- TYPICAL REVERSE CHARACTERISTICS
RATED PEAK REVERSE VOLTAGE. (V)
FIG.5- TYPICAL SAFE OPERATING AREA
REVERSE VOLTAGE. (V)
0.001
0.01
0.1
1.0
10.0
25
50
75
100
125
150
1
60
10
20
65
35
50
20
30
40
30
45
40
55
60
Tj=25 C
Tj=75 C
R(
) =300 C /W
Note 1
JA
O
50
25


Similar Part No. - SD1004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD1004 ETC-SD1004 Datasheet
50Kb / 2P
   1.0A Surface Mount Schottky Barrier Rectifier
logo
Sirectifier Semiconduct...
SD1004 SIRECTIFIER-SD1004 Datasheet
225Kb / 2P
   Discrete Diodes
logo
Won-Top Electronics
SD1004CS-T3 WTE-SD1004CS-T3 Datasheet
46Kb / 3P
   10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SD1004

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B120B DIODES-B120B Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
B130L DIODES-B130L Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. A-1
B130LAW DIODES-B130LAW Datasheet
66Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 2 - 2
B140N DIODES-B140N Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30136 Rev. A-0
B120B DIODES-B120B_10 Datasheet
113Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 16 - 2
DFLS130 DIODES-DFLS130 Datasheet
94Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30445 Rev. 1 - 2
1N5819HW DIODES-1N5819HW_10 Datasheet
103Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 15 - 2 February 2010
DFLS160 DIODES-DFLS160_08 Datasheet
109Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PD3S160 DIODES-PD3S160_08 Datasheet
138Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B120B DIODES-B120B_15 Datasheet
133Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DFLS120LQ DIODES-DFLS120LQ_15 Datasheet
202Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com