Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3112D481C Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R3112D481C
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3112D481C Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R3112D481C Datasheet HTML 3Page - RICOH electronics devices division R3112D481C Datasheet HTML 4Page - RICOH electronics devices division R3112D481C Datasheet HTML 5Page - RICOH electronics devices division R3112D481C Datasheet HTML 6Page - RICOH electronics devices division R3112D481C Datasheet HTML 7Page - RICOH electronics devices division R3112D481C Datasheet HTML 8Page - RICOH electronics devices division R3112D481C Datasheet HTML 9Page - RICOH electronics devices division R3112D481C Datasheet HTML 10Page - RICOH electronics devices division R3112D481C Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
R3112x
7
R3112x501A/C
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
−VDET
Detector Threshold
4.900
5.000
5.100
V
VHYS
Detector Threshold Hysteresis
0.150
0.250
0.350
V
VDD
=4.9V
1.5
3.0
ISS
Supply Current
VDD
=6.0V
0.6
2.5
µA
VDDH
Maximum Operating Voltage
6.0
V
Topt
=25°C
0.7
VDDL
Minimum Operating Voltage
Note1
−40°C <
= Topt <
= 85°C
0.8
V
Nch
VDS
=0.05V,VDD=0.70V
10
120
µA
VDS
=0.50V,VDD=1.50V
1.0
3.0
mA
IOUT
Output Current
(Driver Output Pin)
Pch
VDS
=−2.1V,VDD=6.0V
1.5
4.5
mA
VTCD
CD pin Threshold Voltage
VDD
=5.50V
1.650
2.750
3.850
V
VDS
=0.1V, VDD=0.7V
2
70
ICD
CD pin Output Current
VDS
=0.5V, VDD=1.5V
200
500
µA
RD
Output Delay Resistance
3.25
6.50
13.00
M
∆−VDET/
∆Topt
Detector Threshold
Temperature Coefficient
−40°C <
= Topt <
= 85°C
±100
ppm/
°C
∗Note1:Minimum Operating Voltage means the value of input voltage when output voltage maintains 0.1V or
less. (In the case of Nch Open Drain Type, Output pin is pulled up with a resistance of 470k
Ω to 5.0V.)


Similar Part No. - R3112D481C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112D481C RICOH-R3112D481C Datasheet
83Kb / 1P
   R3112D SERIES MARK SPECIFICATION
More results

Similar Description - R3112D481C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112X091A RICOH-R3112X091A Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3115Z RICOH-R3115Z Datasheet
884Kb / 28P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Rohm
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXF ROHM-BU42XXF Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXF ROHM-BU43XXF Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXFVE ROHM-BU43XXFVE Datasheet
329Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com