Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU1001 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # GBU1001
Description  Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GBU1001 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  GBU1001_1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GBU1001_1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (GBU1001 THRU
)
GBU1007
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER BRIDGE ELEMENT
1
5
100
CASE TEMPERATURE. ( C)
o
FIG.1-MAXIMUM FORWARD CURRENT DERATING
CURVE
NUMBER OF CYCLES AT 60Hz
FIG.2- TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
50
20
10
2
0
2
6
10
0
100
50
150
0.01
0.1
10
100
500
1
02040
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=150 C
8.3ms Single Half Sine Wave
FIG.5- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER BRIDGE ELEMENT
4
20
40
100
10
2
1
0.4
0.2
0.1
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
INSTANTANEOUSFORWARD VOLTAGE. (V)
Tj=25 C
0
Pulse Width=300 s
1% Duty Cycle
m
Tj=25 C
0
Tj=150 C
0
50-400V
600-1000V
HEAT-SINK MOUNTG
100mm x 100mm x 1.6 mm
Cu. PLATE
8
4
225
200
175
150
125
100
75
50
120
Version: A06
FIG.4- TYPICAL JUNCTION CAPACITANCE
1
2
5
10
20
800
100
1000
600
500
400
300
200
100
0
REVERSE VOLTAGE. (V)
200
500
Tj=25 C
0
50
0.1
0.5
GBU1005-GBU1007
GBU1001-GBU1004


Similar Part No. - GBU1001_1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBU1001 TSC-GBU1001_10 Datasheet
531Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Compact Technology Corp...
GBU1001 CTC-GBU1001_15 Datasheet
188Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
GBU1001 TSC-GBU1001_15 Datasheet
208Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
GBU1001 TSC-GBU1001_16 Datasheet
213Kb / 4P
   10A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
More results

Similar Description - GBU1001_1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBU1001 TSC-GBU1001 Datasheet
49Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
TS10P01G TSC-TS10P01G Datasheet
50Kb / 2P
   Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
TS10B01G TSC-TS10B01G Datasheet
109Kb / 2P
   Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
logo
Bytesonic Electronics C...
GBJ10005 BYTESONIC-GBJ10005 Datasheet
547Kb / 2P
   SINGLE PHASE 10.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10B01G TSC-TS10B01G_10 Datasheet
132Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
TS10B01G TSC-TS10B01G_09 Datasheet
194Kb / 2P
   Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
TS10P01G TSC-TS10P01G_11 Datasheet
138Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
GBU1001 TSC-GBU1001_10 Datasheet
531Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
GBU1001 TSC-GBU1001_09 Datasheet
167Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBPC1000G JGD-KBPC1000G Datasheet
125Kb / 2P
   SINGLE PHASE 10.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com