Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1162D361D Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R1162D361D
Description  3-MODE 150mA LDO REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1162D361D Datasheet(HTML) 4 Page - RICOH electronics devices division

  R1162D361D Datasheet HTML 1Page - RICOH electronics devices division R1162D361D Datasheet HTML 2Page - RICOH electronics devices division R1162D361D Datasheet HTML 3Page - RICOH electronics devices division R1162D361D Datasheet HTML 4Page - RICOH electronics devices division R1162D361D Datasheet HTML 5Page - RICOH electronics devices division R1162D361D Datasheet HTML 6Page - RICOH electronics devices division R1162D361D Datasheet HTML 7Page - RICOH electronics devices division R1162D361D Datasheet HTML 8Page - RICOH electronics devices division R1162D361D Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
R1162x
4
ELECTRICAL CHARACTERISTICS
R1162xxx1B/D
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VIN
= Set VOUT+1V VECO = VIN
1mA <
= IOUT <
= 30mA
Note 1
VOUT
×0.98
VOUT
×1.02
V
VOUT
Output Voltage
VIN
= Set VOUT + 1V VECO =GND
1mA <
= IOUT <
= 30mA
Note 2
VOUT
×0.97
VOUT
×1.03
V
VIN
= Set VOUT+1V, IOUT =30mA
VOUT <
= 2.0V
−1.2
0.0
1.2
%
∆VOUT
Output Voltage Deviation
between FT Mode and LP
Mode
VOUT >
= 2.0V
(
−24)
0.0
(24)
mV
IOUT
Output Current
VIN
− VOUT = 1.0V
150
mA
Load Regulation(FT Mode)
VIN
=Set VOUT+1V, VECO=VIN
1mA <
= IOUT <
= 150mA
20
40
mV
∆VOUT/
∆IOUT
Load Regulation(LP Mode)
VIN
= Set VOUT+1V,VECO=GND
1mA <
= IOUT <
= 150mA
20
45
mV
VDIF
Dropout Voltage
Refer to the ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
ISS1
Supply Current(FT Mode)
VIN
= Set VOUT+1V
VECO
= VIN, IOUT=0mA
70
100
µA
ISS2
Supply Current(LP Mode)
VIN
= Set VOUT+1V
VECO
= GND, IOUT=0mA
5.5
9.0
µA
Istandby Supply Current (Standby)
VIN
= VCE = Set VOUT+1V
0.1
1.0
µA
Line Regulation(FT Mode)
Set VOUT
+0.5V <
= VIN <
= 6.0V
IOUT
= 30mA, VECO = VIN
VOUT <
= 1.6V: 2.2V <
= VIN <
= 6.0V
0.02
0.10
%/V
∆VOUT/
∆VIN
Line Regulation(LP Mode)
Set VOUT
+ 0.5V <
= VIN <
= 6.0V
IOUT
= 30mA, VECO = GND
VOUT <
= 1.6V: 2.2V <
= VIN <
= 6.0V
0.05
0.20
%/V
RR
Ripple Rejection(FT Mode)
f
= 1kHz
f
= 10kHz,Ripple 0.2Vp-p
VIN
= Set VOUT + 1V
IOUT
= 30mA, VECO = VIN
70
60
dB
VIN
Input Voltage
2.0
6.0
V
∆VOUT/
∆Topt
Output Voltage
Temperature Coefficient
IOUT
= 30mA
−40°C <
= Topt <
= 85°C
±100
ppm
/
°C
Ilim
Short Current Limit
VOUT
= 0V
40
mA
IPD
CE Pull-down
Constant Current
0.3
0.6
µA
RPD
ECO Pull-down Resistance
2
5
30
M
VCEH
CE, ECO Input Voltage “H”
1.0
6.0
V
VCEL
CE, ECO Input Voltage “L”
0.00
0.35
V
en
Output Noise (Fast Mode)
BW
= 10Hz to 100kHz
30
µVrms
en
Output Noise
(Low Power Mode)
BW
= 10Hz to 100kHz
40
µVrms
RLOW
Nch On resistance for
auto-discharge
(Applied to D version)
VCE
=0V
60


Similar Part No. - R1162D361D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1162N151D RICOH-R1162N151D Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
R1162N161D RICOH-R1162N161D Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
R1162N171D RICOH-R1162N171D Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
R1162N181D RICOH-R1162N181D Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
R1162N191D RICOH-R1162N191D Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
More results

Similar Description - R1162D361D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
   150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
   150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
   150mA LDO REGULATOR
R1180 RICOH-R1180 Datasheet
303Kb / 19P
   150mA LDO REGULATOR
logo
Unisonic Technologies
LR9280 UTC-LR9280 Datasheet
240Kb / 6P
   150mA LDO REGULATOR
logo
RICOH electronics devic...
R1163 RICOH-R1163 Datasheet
718Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Nisshinbo Micro Devices...
R1163X NISSHINBO-R1163X Datasheet
796Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com