Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5325N002A Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R5325N002A
Description  150mA 2ch LDO REGULATOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5325N002A Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R5325N002A Datasheet HTML 6Page - RICOH electronics devices division R5325N002A Datasheet HTML 7Page - RICOH electronics devices division R5325N002A Datasheet HTML 8Page - RICOH electronics devices division R5325N002A Datasheet HTML 9Page - RICOH electronics devices division R5325N002A Datasheet HTML 10Page - RICOH electronics devices division R5325N002A Datasheet HTML 11Page - RICOH electronics devices division R5325N002A Datasheet HTML 12Page - RICOH electronics devices division R5325N002A Datasheet HTML 13Page - RICOH electronics devices division R5325N002A Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
R5325x
10
4) Output Voltage vs. Temperature (IOUT
=30mA)
1.2V (VR1/VR2)
2.8V (VR1/VR2)
-50
50
75
0
-25
25
100
Temperature Topt(
°C)
1.16
1.17
1.19
1.22
1.21
1.18
1.20
1.23
VIN=2.2V
-50
50
75
0
-25
25
100
Temperature Topt(
°C)
2.60
2.70
2.65
2.80
2.95
2.90
2.75
2.85
3.00
VIN=3.8V
4.0V (VR1/VR2)
-50
50
75
0
-25
25
100
Temperature Topt(
°C)
3.80
3.85
3.95
4.15
4.10
4.05
3.90
4.00
4.20
VIN=5.0V
5) Supply Current vs. Input Voltage (Topt
=25°C)
1.2V (VR1/VR2)
2.8V (VR1/VR2)
1.2
4.4
5.2
2.8
2.0
3.6
6.0
Input Voltage VIN(V)
0
4
3
6
9
8
2
1
5
7
10
2.8
4.4
5.2
3.6
6.0
Input Voltage VIN(V)
0
4
3
6
9
8
2
1
5
7
10


Similar Part No. - R5325N002A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5325N002A RICOH-R5325N002A Datasheet
27Kb / 1P
   R5325N SERIES MARK SPECIFICATION
More results

Similar Description - R5325N002A

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323X RICOH-R5323X Datasheet
603Kb / 31P
   150mA 2ch LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
R5326X RICOH-R5326X_07 Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
   150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
   150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
   150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com