Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3112D191A Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R3112D191A
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3112D191A Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R3112D191A Datasheet HTML 6Page - RICOH electronics devices division R3112D191A Datasheet HTML 7Page - RICOH electronics devices division R3112D191A Datasheet HTML 8Page - RICOH electronics devices division R3112D191A Datasheet HTML 9Page - RICOH electronics devices division R3112D191A Datasheet HTML 10Page - RICOH electronics devices division R3112D191A Datasheet HTML 11Page - RICOH electronics devices division R3112D191A Datasheet HTML 12Page - RICOH electronics devices division R3112D191A Datasheet HTML 13Page - RICOH electronics devices division R3112D191A Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
R3112x
10
OPERATION
VDD
Pch
Rc
Tr.1
Tr.2
Rb
Ra
Nch
RD
OUT
CD
GND
+
-
Vref
Schmitt Trigger
Comparator
Current Source
Output Capacitor
Fig. 1 Block Diagram with an external capacitor
HYSTERESIS
RANGE
1
GND
GND
Delay Time
A
B
Output Voltage(OUT)
Supply Voltage(VDD)
VDDL
-VDET
+VDET
Minimum Operating
Voltge
Detector Threshold
Released Voltage
23
4
5
Operation Status
Compartor(-) Pin
Input Voltage
Compartor Output
Tr.1, 2
1
I
I
VDD
L
OFF
Rb+Rc
Ra+Rb+Rc
OFF
ON
Output Tr.
Nch
Pch
2
II
H
ON
ON
OFF
4
II
H
ON
ON
OFF
5
I
L
OFF
OFF
ON
3
II
Indefinite
Indefinite
Indefinite
Indefinite
II
VDD
Rb
Ra+Rb
Fig. 2 Operation Diagram
1. Output voltage is equal to supply voltage. (As for Nch open drain type, equal to pull-up voltage.)
2. When the supply voltage is down to the detector threshold voltage level(Point A),
Vref >
= VDD×(Rb+Rc)/(Ra+Rb+Rc) is true, then output of the comparator is reversed from “L” to “H”, therefore
output voltage becomes GND level.
3. When the supply voltage is lower than minimum operating voltage, the operation of output transistor is
indefinite. In the case of Nch open drain type, output voltage is equal to pull-up voltage.
4. Output Voltage becomes GND level.
5. When the supply voltage is higher than released voltage (Point B), Vref <
= VDD×Rb/(Ra+Rb) is true, then
output of the comparator reaches the threshold level, and Output of Shmitt Trigger is reversed from “H” to
“L”, then output voltage is equal to supply voltage. (As for Nch open drain type, equal to pull-up voltage.)
∗) The difference between released voltage and detector threshold voltage means hysteresis range voltage.


Similar Part No. - R3112D191A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112D191A RICOH-R3112D191A Datasheet
83Kb / 1P
   R3112D SERIES MARK SPECIFICATION
More results

Similar Description - R3112D191A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112X091A RICOH-R3112X091A Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3115Z RICOH-R3115Z Datasheet
884Kb / 28P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Rohm
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXF ROHM-BU42XXF Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXF ROHM-BU43XXF Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXFVE ROHM-BU43XXFVE Datasheet
329Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com