Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5324D004B Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R5324D004B
Description  CMOS 3ch-LDOs for RF Unit
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5324D004B Datasheet(HTML) 4 Page - RICOH electronics devices division

  R5324D004B Datasheet HTML 1Page - RICOH electronics devices division R5324D004B Datasheet HTML 2Page - RICOH electronics devices division R5324D004B Datasheet HTML 3Page - RICOH electronics devices division R5324D004B Datasheet HTML 4Page - RICOH electronics devices division R5324D004B Datasheet HTML 5Page - RICOH electronics devices division R5324D004B Datasheet HTML 6Page - RICOH electronics devices division R5324D004B Datasheet HTML 7Page - RICOH electronics devices division R5324D004B Datasheet HTML 8Page - RICOH electronics devices division R5324D004B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
R5324D
4
PIN CONFIGURATIONS
SON-8
Top View
Bottom View
85
1
7
2
6
34
58
4
6
3
7
21
PIN DESCRIPTIONS
Pin No
Symbol
Pin Description
1
VDD
Input Pin
2
CE1
Chip Enable Pin 1
3
CE2
Chip Enable Pin 2
4
CE3
Chip Enable Pin 3
5
GND
Ground Pin
6
VOUT3
Output Pin 3
7
VOUT2
Output Pin 2
8
VOUT1
Output Pin 1
* Tab in the
parts have GND level. (They are connected to the reverse side of this IC.)
Do not connect to other wires or land patterns.
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
6.5
V
CE
Input Voltage (CE Pin)
-0.3~VIN+0.3
V
VOUT
Output Voltage
-0.3~VIN+0.3
V
IOUT1
Output Current (VOUT1)
230
mA
IOUT2
Output Current (VOUT2)
180
mA
IOUT3
Output Current (VOUT3)
180
mA
PD
Power Dissipation (SON-8)*
480
mW
Topt
Operating Temperature Range
-40~85
°C
Tstg
Storage Temperature Range
-55~125
°C
∗) For Power Dissipation, please refer to PACKAGE INFORMATION to be described.


Similar Part No. - R5324D004B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5324D001A RICOH-R5324D001A Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
R5324D001A-TR RICOH-R5324D001A-TR Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
R5324D001B RICOH-R5324D001B Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
R5324D001B-TR RICOH-R5324D001B-TR Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
R5324D001X RICOH-R5324D001X Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
More results

Similar Description - R5324D004B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5324D RICOH-R5324D Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
logo
ON Semiconductor
NCP4523 ONSEMI-NCP4523 Datasheet
132Kb / 24P
   CMOS 3CH-LDOs for RF Unit
December, 2004 ??Rev. 4
logo
RICOH electronics devic...
R5320X RICOH-R5320X Datasheet
288Kb / 28P
   CMOS 3CH-LDOs for RF Unit
logo
ON Semiconductor
NCP4523G3T1G ONSEMI-NCP4523G3T1G Datasheet
127Kb / 24P
   CMOS 3CH?묹DOs for RF Unit
September, 2005 ??Rev. 6
logo
RICOH electronics devic...
R5321D RICOH-R5321D Datasheet
406Kb / 22P
   CMOS 2ch-LDOs for RF Unit
R5320G RICOH-R5320G Datasheet
271Kb / 30P
   CMOS Multi-LDOs for RF Unit
logo
Rohm
BU6650NUX ROHM-BU6650NUX_11 Datasheet
1Mb / 22P
   3ch CMOS LDO Regulators
logo
Sanyo Semicon Device
LV5217GP SANYO-LV5217GP Datasheet
106Kb / 12P
   Bi-CMOS IC For Cell Phones 3ch LED Driver
logo
Semtech Corporation
SC653 SEMTECH-SC653 Datasheet
309Kb / 22P
   Light Management Unit with 2 LDOs and SemPulse짰Interface
SC643 SEMTECH-SC643 Datasheet
355Kb / 26P
   Light Management Unit with 4 LDOs and SemPulse짰Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com