Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1160D161B Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R1160D161B
Description  3-MODE 200mA LDO REGULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1160D161B Datasheet(HTML) 4 Page - RICOH electronics devices division

  R1160D161B Datasheet HTML 1Page - RICOH electronics devices division R1160D161B Datasheet HTML 2Page - RICOH electronics devices division R1160D161B Datasheet HTML 3Page - RICOH electronics devices division R1160D161B Datasheet HTML 4Page - RICOH electronics devices division R1160D161B Datasheet HTML 5Page - RICOH electronics devices division R1160D161B Datasheet HTML 6Page - RICOH electronics devices division R1160D161B Datasheet HTML 7Page - RICOH electronics devices division R1160D161B Datasheet HTML 8Page - RICOH electronics devices division R1160D161B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
R1160x
4
ELECTRICAL CHARACTERISTICS
R1160xxx1A
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VIN
=Set VOUT+1V,VECO=VIN
1
µA <
= IOUT <
= 30mA *
1
×0.980
(-30mV)
×1.020
(30mV)
V
VOUT
Output Voltage
VIN
=Set VOUT+1V,VECO=GND
1
µA <
= IOUT <
= 30mA *
2
×0.970
(-45mV)
×1.030
(45mV)
V
IOUT
Output Current
VIN
−VOUT=0.5V
VIN >
= 1.5V,VOUT <
= 1.0V
200
mA
Load Regulation(FT Mode)
VIN
=Set VOUT+1V, VECO=VIN
1mA <
= IOUT <
= 200mA
20
40
mV
∆VOUT/∆IOUT
Load Regulation(LP Mode)
VIN
=Set VOUT+1V, VECO=GND
1mA <
= IOUT <
= 100mA
10
40
mV
VDIF
Dropout Voltage
Refer to the ELECTRICAL CHARACTERISTICS by OUTPUT
VOLTAGE
ISS1
Supply Current (FT Mode)
VIN
=Set VOUT+1V
VECO
=VIN, IOUT=0mA
40
70
µA
VIN
=Set VOUT+1V, IOUT=0mA
VOUT <
= 1.5V, VECO=GND
3.5
6.0
µA
ISS2
Supply Current (LP Mode)
VIN
=Set VOUT+1V, IOUT=0mA
VOUT >
= 1.6V, VECO=GND
4.5
8.0
µA
Istandby
Supply Current (Standby)
VIN
=VCE=Set VOUT+1V
VECO
=GND
0.1
1.0
µA
Line Regulation (FT Mode)
Set VOUT
+0.5V <
= VIN <
= 6.0V
IOUT
=30mA,VECO=VIN,
0.05
0.20
%/V
∆VOUT/∆VIN
Line Regulation (LP Mode)
Set VOUT
+0.5V <
= VIN <
= 6.0V
IOUT
=30mA,VECO=GND
0.10
0.30
%/V
RR
Ripple Rejection (FT Mode)
f=1kHz,Ripple 0.2Vp-p
VIN
=Set VOUT+1V
IOUT
=30mA,VECO=VIN
70
dB
VIN
Input Voltage
1.4
6.0
V
∆VOUT/
∆Topt
Output Voltage
Temperature Coefficient
IOUT
=30mA
−40°C <
= Topt <
= 85°C
±100
ppm
/
°C
Ilim
Short Current Limit
VOUT
=0V
50
mA
RPU
CE Pull-up Resistance
2.0
5.0
14.0
M
RPD
ECO Pull-down Resistance
1.5
5.0
14.0
M
VCEH
CE ,ECO Input Voltage “H”
1.0
6.0
V
VCEL
CE ,ECO Input Voltage “L”
0.0
0.3
V
*1 :
±30mV Tolerance for VOUT <
= 1.5V
*2 :
±45mV Tolerance for VOUT <
= 1.5V


Similar Part No. - R1160D161B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1160D151A-TR-FE RICOH-R1160D151A-TR-FE Datasheet
527Kb / 31P
   3-MODE 200mA LDO REGULATOR
R1160D151B-TR-FE RICOH-R1160D151B-TR-FE Datasheet
527Kb / 31P
   3-MODE 200mA LDO REGULATOR
More results

Similar Description - R1160D161B

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1160X NISSHINBO-R1160X Datasheet
425Kb / 31P
   3-MODE 200mA LDO REGULATOR
logo
RICOH electronics devic...
R1160 RICOH-R1160 Datasheet
527Kb / 31P
   3-MODE 200mA LDO REGULATOR
R1160N RICOH-R1160N Datasheet
1Mb / 27P
   SOT23-5 3-MODE 200mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
   200mA LDO Linear Regulator
logo
Nisshinbo Micro Devices...
RP202X NISSHINBO-RP202X Datasheet
1Mb / 28P
   Low Power / Fast Mode Alternative 200mA LDO Regulator
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
   LOW NOISE 200mA LDO REGULATOR
logo
YOBON TECHNOLOGIES,INC.
YB1220 YOBON-YB1220 Datasheet
502Kb / 9P
   Dual Channel 200mA LDO Regulator
logo
Unisonic Technologies
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com