Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAC50 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SAC50
Description  Low Capacitance Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SAC50 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SAC50 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SAC50 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SAC50 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SAC50 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
- 640 -
Characteristics and Application
SAC is a Transient Voltage Suppressor Diode in series with a compensation diode
for low capacitance.
Transient Voltage Suppressors may be used at various points in a circuit to
provide various degrees of protection.
Transient Voltage Suppressor provides excellent clamping capability.
Since the low incremental surge resistance.
For telecommumication : multi-protocol serial transceivers. Please refer as below:
-) Cellular
-) Universal series bus (USB) port production.
-) Instrumentation.
-) LAN / WAN equipment.
-) Peripherals.
-) High speed data lines.
Tow devices are used in parallel and opposite polarity for protecting one
bi-directional ines (FIG. 1), or with a steeling diode for protecting one
unidirectional (FIG. 2).
The low capacitance TVS series are used on high speeded interfaces such as
video line, I
2C RS-485, RS-422 and USB, for ESD protection the lines which
have signal, or data. Please refer as below:
1). Token Ring
2). I
2C
FIG. 1
FIG. 2
3). Video line
4). Set top box I/O
5). LAN / WAN equipment.
6). Security system
7). Automatic teller machine
8). HFC system
9). Networks
Device must be used with two units
in parallel, opposite in polarity as shown
in circuit for AC signal line protection
Low Capacitance
TVS
Low Capacitance
TVS


Similar Part No. - SAC50

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC50 EIC-SAC50 Datasheet
38Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
MERITEK ELECTRONICS COR...
SAC50 MERITEK-SAC50 Datasheet
460Kb / 3P
   Transient Voltage Suppressors
logo
StarHope
SAC50 SPSEMI-SAC50 Datasheet
282Kb / 4P
   Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
logo
Microsemi Corporation
SAC50 MICROSEMI-SAC50 Datasheet
65Kb / 2P
   LOW CAPACITANCE TRANSIENT ABSORPTION ZENER
logo
Micro Commercial Compon...
SAC50 MCC-SAC50 Datasheet
525Kb / 4P
   500W Low Capacitance Transient Voltage Suppressor
More results

Similar Description - SAC50

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
ULCE6.5A SUNMATE-ULCE6.5A Datasheet
389Kb / 3P
   ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Shenzhen Taychipst Elec...
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SACB5.0 PACELEADER-SACB5.0 Datasheet
306Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0B CENTRAL-CTLTVS5V0B Datasheet
1,001Kb / 6P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
TV05B5V0P-G COMCHIP-TV05B5V0P-G Datasheet
113Kb / 5P
   Low Capacitance Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
LCE6.5 MDE-LCE6.5 Datasheet
52Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMCJLCE EIC-SMCJLCE Datasheet
128Kb / 4P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
SAC NJSEMI-SAC Datasheet
161Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LCE NJSEMI-LCE Datasheet
279Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com