Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1180Q231B Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R1180Q231B
Description  150mA LDO REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1180Q231B Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R1180Q231B Datasheet HTML 6Page - RICOH electronics devices division R1180Q231B Datasheet HTML 7Page - RICOH electronics devices division R1180Q231B Datasheet HTML 8Page - RICOH electronics devices division R1180Q231B Datasheet HTML 9Page - RICOH electronics devices division R1180Q231B Datasheet HTML 10Page - RICOH electronics devices division R1180Q231B Datasheet HTML 11Page - RICOH electronics devices division R1180Q231B Datasheet HTML 12Page - RICOH electronics devices division R1180Q231B Datasheet HTML 13Page - RICOH electronics devices division R1180Q231B Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
R1180x
10
7) Dropout Voltage vs. Set Output Voltage (Topt
=25°C)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1234
Set Output Voltage Vreg[V]
10mA
30mA
50mA
150mA
8) Ripple Rejection vs. Frequency (CIN
=none)
R1180x121x
R1180x121x
IOUT
=50mA
IOUT
=1mA
IOUT
=30mA
0
10
20
30
40
50
60
70
0.1
1
10
100
Frequency f[kHz]
VIN
=2.4VDC+0.5p-p
COUT
=Ceramic0.1µF
IOUT
=50mA
IOUT
=1mA
IOUT
=30mA
VIN
=2.4VDC+0.5p-p
COUT
=Ceramic1µF
0
10
20
30
40
50
60
70
0.1
1
10
100
Frequency f[kHz]
R1180x281x
R1180x281x
IOUT
=50mA
IOUT
=1mA
IOUT
=30mA
VIN
=3.8VDC+0.5p-p
COUT
=Ceramic0.1µF
0
10
20
30
40
50
60
70
0.1
1
10
100
Frequency f[kHz]
IOUT
=50mA
IOUT
=1mA
IOUT
=30mA
VIN
=3.8VDC+0.5p-p
COUT
=Ceramic1µF
0
10
20
30
40
50
60
70
0.1
1
10
100
Frequency f[kHz]


Similar Part No. - R1180Q231B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1180Q231B RICOH-R1180Q231B Datasheet
60Kb / 1P
   SERIES MARK SPECIFICATION
More results

Similar Description - R1180Q231B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
   150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
   150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180 RICOH-R1180 Datasheet
303Kb / 19P
   150mA LDO REGULATOR
logo
Unisonic Technologies
LR9280 UTC-LR9280 Datasheet
240Kb / 6P
   150mA LDO REGULATOR
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Unisonic Technologies
LR8XXYY UTC-LR8XXYY Datasheet
174Kb / 6P
   150mA DUAL LDO REGULATOR
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com