Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5322N Datasheet(PDF) 14 Page - RICOH electronics devices division

Part # R5322N
Description  120mA 2ch LDO REGULATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5322N Datasheet(HTML) 14 Page - RICOH electronics devices division

Back Button R5322N Datasheet HTML 10Page - RICOH electronics devices division R5322N Datasheet HTML 11Page - RICOH electronics devices division R5322N Datasheet HTML 12Page - RICOH electronics devices division R5322N Datasheet HTML 13Page - RICOH electronics devices division R5322N Datasheet HTML 14Page - RICOH electronics devices division R5322N Datasheet HTML 15Page - RICOH electronics devices division R5322N Datasheet HTML 16Page - RICOH electronics devices division R5322N Datasheet HTML 17Page - RICOH electronics devices division R5322N Datasheet HTML 18Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
R5322N
14
8) Ripple Rejection vs. Frequency
1.5V (VR1)
1.5V (VR2)
Frequency f(kHz)
0.1
1
0
10
20
90
VIN=2.5V+0.5Vp-p
COUT=tantal 1.0
µF Topt=25°C
70
80
60
50
40
30
IOUT=1mA
IOUT=30mA
IOUT=50mA
100
10
Frequency f(kHz)
0.1
1
0
10
20
90
70
80
60
50
40
30
IOUT=1mA
IOUT=30mA
IOUT=50mA
100
10
VIN=2.5V+0.5Vp-p
COUT=tantal 1.0
µF Topt=25°C
1.5V (VR1)
1.5V (VR2)
Frequency f(kHz)
0.1
1
0
10
20
90
70
80
60
50
40
30
IOUT=1mA
IOUT=30mA
IOUT=50mA
100
10
VIN=2.5V+0.5Vp-p
COUT=tantal 2.2
µF Topt=25°C
Frequency f(kHz)
0.1
1
0
10
20
90
70
80
60
50
40
30
IOUT=1mA
IOUT=30mA
IOUT=50mA
100
10
VIN=2.5V+0.5Vp-p
COUT=tantal 2.2
µF Topt=25°C
2.8V (VR1)
2.8V (VR2)
Frequency f(kHz)
0.1
1
0
10
20
90
70
80
60
50
40
30
IOUT=1mA
IOUT=30mA
IOUT=50mA
100
10
VIN=3.8V+0.5Vp-p
COUT=tantal 1.0
µF Topt=25°C
Frequency f(kHz)
0.1
1
0
10
20
30
90
70
80
50
60
40
100
IOUT=1mA
IOUT=30mA
IOUT=50mA
10
VIN=3.8V+0.5Vp-p
COUT=tantal 1.0
µF Topt=25°C


Similar Part No. - R5322N

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5322N RICOH-R5322N Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
R5322N001A RICOH-R5322N001A Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
R5322N001A-TR RICOH-R5322N001A-TR Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
R5322N001B RICOH-R5322N001B Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
R5322N001B-TR RICOH-R5322N001B-TR Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
More results

Similar Description - R5322N

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5322N RICOH-R5322N Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
logo
Nisshinbo Micro Devices...
R1141Q NISSHINBO-R1141Q Datasheet
283Kb / 16P
   120mA LDO REGULATOR
logo
RICOH electronics devic...
R1141Q RICOH-R1141Q_17 Datasheet
219Kb / 16P
   120mA LDO REGULATOR
R1141Q RICOH-R1141Q Datasheet
373Kb / 15P
   SC82 120mA LDO REGULATOR????
R1140Q RICOH-R1140Q Datasheet
181Kb / 18P
   SC82 120mA LDO REGULATOR???
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
MAX8863T MAXIM-MAX8863T Datasheet
126Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8873T MAXIM-MAX8873T Datasheet
115Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8863 MAXIM-MAX8863 Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com