Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5K Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # S5K
Description  5.0 AMPS. Surface Mount Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S5K Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  S5K Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S5K Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 491 -
RATINGS AND CHARACTERISTIC CURVES (S5A THRU S5M)
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=125 C
0
Tj=25 C
0
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
10
50
5
100
50
10
100
200
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
Tj=Tj max
FIG.3- TYPICAL FORWARD CHARACTERISTICS
1.4
1.6
0.6
0.7
0.8
0.9
1.0
1.2
0.01
0.03
0.1
0.3
1
3
10
100
30
FORWARD VOLTAGE. (V)
PULSE WIDTH-300 S
2% DUTY CYCLE
FIG.5- TYPICAL JUNCTION CAPACITANCE
100
50
10
5
1
10
5
100
50
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
Tj=25 C
0
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
50
60
70
80
100
110
120
130
140
90
150
0.5
3.0
7.0
6.0
5.0
4.0
1.0
2.0
LEAD TEMPERATURE. ( C)
o
RESISTIVE OR
INDUCTIVE LOAD
P. C. BOARD MOUNTED ON 8.0mm
PAD AREAS
2
165


Similar Part No. - S5K

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S5K MCC-S5K Datasheet
345Kb / 3P
   5 Amp Silicon Rectifier 50 to 1000 Volts
logo
Vishay Siliconix
S5K VISHAY-S5K Datasheet
95Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 19-Aug-13
logo
Guangdong Juxing Electr...
S5K JUXING-S5K Datasheet
1Mb / 2P
   Surface Mount Standard Rectifiers
logo
Semikron International
S5K SEMIKRON-S5K Datasheet
113Kb / 2P
   Standard silicon rectifier diodes
logo
Vishay Siliconix
S5K VISHAY-S5K Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 28-Apr-14
More results

Similar Description - S5K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S5A TSC-S5A_12 Datasheet
192Kb / 2P
   5.0 AMPS. Surface Mount Rectifiers
HS5A TSC-HS5A Datasheet
52Kb / 2P
   5.0 AMPS. High Efficient Surface Mount Rectifiers
HS5A TSC-HS5A_10 Datasheet
438Kb / 2P
   5.0 AMPS. High Efficient Surface Mount Rectifiers
SK53C TSC-SK53C Datasheet
50Kb / 2P
   5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK52B TSC-SK52B Datasheet
52Kb / 2P
   5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
HS5A TSC-HS5A_1 Datasheet
248Kb / 2P
   5.0 AMPS. High Efficient Surface Mount Rectifiers
SK52B TSC-SK52B_1 Datasheet
258Kb / 2P
   5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK52C TSC-SK52C Datasheet
287Kb / 2P
   5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SKL54C TSC-SKL54C Datasheet
46Kb / 2P
   5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
S2A YANGJIE-S2A Datasheet
696Kb / 2P
   1.5 AMPS. SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com