Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5320X Datasheet(PDF) 16 Page - RICOH electronics devices division

Part # R5320X
Description  CMOS 3CH-LDOs for RF Unit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5320X Datasheet(HTML) 16 Page - RICOH electronics devices division

Back Button R5320X Datasheet HTML 12Page - RICOH electronics devices division R5320X Datasheet HTML 13Page - RICOH electronics devices division R5320X Datasheet HTML 14Page - RICOH electronics devices division R5320X Datasheet HTML 15Page - RICOH electronics devices division R5320X Datasheet HTML 16Page - RICOH electronics devices division R5320X Datasheet HTML 17Page - RICOH electronics devices division R5320X Datasheet HTML 18Page - RICOH electronics devices division R5320X Datasheet HTML 19Page - RICOH electronics devices division R5320X Datasheet HTML 20Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
R5320x
16
6)
Supply Current vs. Temperature
3V
4V
VR1
80
100
60
40
20
0
-50
50
0
100
Temperature Topt Topt (
)
VR1
80
100
60
40
20
0
-50
50
0
100
Temperature Topt Topt (
)
VR2
80
100
60
40
20
0
-50
50
0
100
Temperature Topt Topt (
)
VR2
80
100
60
40
20
0
-50
50
0
100
Temperature Topt Topt (
)
VR3
80
100
60
40
20
0
-50
50
0
100
Temperature Topt Topt (
)
VR3
80
100
60
40
20
0
-50
50
0
100
Temperature Topt Topt (
)


Similar Part No. - R5320X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5320G RICOH-R5320G Datasheet
271Kb / 30P
   CMOS Multi-LDOs for RF Unit
R5320G001A RICOH-R5320G001A Datasheet
271Kb / 30P
   CMOS Multi-LDOs for RF Unit
R5320G001A-TR RICOH-R5320G001A-TR Datasheet
271Kb / 30P
   CMOS Multi-LDOs for RF Unit
More results

Similar Description - R5320X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5324D RICOH-R5324D_07 Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
R5324D RICOH-R5324D Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
logo
ON Semiconductor
NCP4523 ONSEMI-NCP4523 Datasheet
132Kb / 24P
   CMOS 3CH-LDOs for RF Unit
December, 2004 ??Rev. 4
NCP4523G3T1G ONSEMI-NCP4523G3T1G Datasheet
127Kb / 24P
   CMOS 3CH?묹DOs for RF Unit
September, 2005 ??Rev. 6
logo
RICOH electronics devic...
R5321D RICOH-R5321D Datasheet
406Kb / 22P
   CMOS 2ch-LDOs for RF Unit
R5320G RICOH-R5320G Datasheet
271Kb / 30P
   CMOS Multi-LDOs for RF Unit
logo
Rohm
BU6650NUX ROHM-BU6650NUX_11 Datasheet
1Mb / 22P
   3ch CMOS LDO Regulators
logo
Sanyo Semicon Device
LV5217GP SANYO-LV5217GP Datasheet
106Kb / 12P
   Bi-CMOS IC For Cell Phones 3ch LED Driver
logo
Semtech Corporation
SC653 SEMTECH-SC653 Datasheet
309Kb / 22P
   Light Management Unit with 2 LDOs and SemPulse짰Interface
SC643 SEMTECH-SC643 Datasheet
355Kb / 26P
   Light Management Unit with 4 LDOs and SemPulse짰Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com