Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1163N151D Datasheet(PDF) 27 Page - RICOH electronics devices division

Part # R1163N151D
Description  3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1163N151D Datasheet(HTML) 27 Page - RICOH electronics devices division

Back Button R1163N151D Datasheet HTML 23Page - RICOH electronics devices division R1163N151D Datasheet HTML 24Page - RICOH electronics devices division R1163N151D Datasheet HTML 25Page - RICOH electronics devices division R1163N151D Datasheet HTML 26Page - RICOH electronics devices division R1163N151D Datasheet HTML 27Page - RICOH electronics devices division R1163N151D Datasheet HTML 28Page - RICOH electronics devices division R1163N151D Datasheet HTML 29Page - RICOH electronics devices division R1163N151D Datasheet HTML 30Page - RICOH electronics devices division R1163N151D Datasheet HTML 31Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
R1163x
27
TECHNICAL NOTES
When using these ICs, consider the following points:
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For
this purpose, be sure to use a capacitor COUT with good frequency characteristics and ESR (Equivalent Series
Resistance) in the range described as follows:
The relations between IOUT (Output Current) and ESR of Output Capacitor are shown below. The conditions
when the white noise level is under 40µV (Avg.) are marked as the hatched area in the graph.
<Test conditions>
(1) Frequency band: 10Hz to 2MHz
R1163x151x ECO=H
R1163x151x ECO=L
0
40
80
120
20
60
100
140
Load Current IOUT(mA)
Topt=85
°C Topt=25°C
Topt=-40
°C
0.01
100
1
0.1
10
VIN=2.0V to 6.0V, CIN=1
µF COUT=0.47µF
0
40
80
120
20
60
100
140
Load Current IOUT(mA)
0.01
100
1
0.1
10
VIN=2.0V to 6.0V, CIN=1
µF COUT=0.47µF
R1163x281x ECO=H
R1163x281x ECO=L
0
40
80
120
20
60
100
140
Load Current IOUT(mA)
Topt=85
°C Topt=25°C
Topt=-40
°C
0.01
100
1
0.1
10
VIN=3.1V to 6.0V, CIN=1
µF COUT=0.47µF
0
40
80
120
20
60
100
140
Load Current IOUT(mA)
0.01
100
1
0.1
10
VIN=3.1V to 6.0V, CIN=1
µF COUT=0.47µF


Similar Part No. - R1163N151D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163N151D-TR-FE RICOH-R1163N151D-TR-FE Datasheet
718Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
More results

Similar Description - R1163N151D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163 RICOH-R1163 Datasheet
718Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Nisshinbo Micro Devices...
R1163X NISSHINBO-R1163X Datasheet
796Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
R1163N NISSHINBO-R1163N Datasheet
887Kb / 35P
   3-Mode 150 mA LDO Regulator with the Reverse Current Protection for Automotive Applications
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
   700mA High Speed LDO Regulator with Reverse Current Protection
logo
Texas Instruments
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com