Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB82A Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # P6SMB82A
Description  600 Watts Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P6SMB82A Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  P6SMB82A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P6SMB82A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P6SMB82A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P6SMB82A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Device
Device
V
BR
Current
Voltage
Reverse Leakage
Peak Pulse
Clamping
Temperature
Marking
(Volts) (Note 1)
@I
T
V
WM
at V
WM
Current I
RSM
Voltage at I
PPM
Coefficient
Code
Min
Max
(mA)
(Volts)
I
D (uA)
(Note 2)(Amps)
V
C(Volts)
of V
BR(% /
OC)
P6SMB91
MUJ
81.9
100.0
1.0
73.7
5.0
4.8
131.0
0.106
P6SMB91A
MVJ
86.5
95.5
1.0
77.8
5.0
5.0
125.0
0.106
P6SMB100
MWJ
90.0
110.0
1.0
81.0
5.0
4.3
144.0
0.106
P6SMB100A
MXJ
95.0
105.0
1.0
85.5
5.0
4.5
137.0
0.106
P6SMB110
MYJ
99.0
121.0
1.0
89.2
5.0
3.9
158.0
0.107
P6SMB110A
MZJ
105.0
116.0
1.0
94.0
5.0
4.1
152.0
0.107
P6SMB120
NDJ
108.0
132.0
1.0
97.2
5.0
3.6
173.0
0.107
P6SMB120A
NEJ
114.0
126.0
1.0
102.0
5.0
3.8
165.0
0.107
P6SMB130
NFJ
117.0
143.0
1.0
105.0
5.0
3.3
187.0
0.107
P6SMB130A
NGJ
124.0
137.0
1.0
111.0
5.0
3.5
179.0
0.107
P6SMB150
NHJ
135.0
165.0
1.0
121.0
5.0
2.9
215.0
0.108
P6SMB150A
NKJ
143.0
158.0
1.0
128.0
5.0
3.0
207.0
0.108
P6SMB160
NLJ
144.0
176.0
1.0
130.0
5.0
2.7
230.0
0.108
P6SMB160A
NMJ
152.0
168.0
1.0
136.0
5.0
2.8
219.0
0.108
P6SMB170
NNJ
153.0
187.0
1.0
138.0
5.0
2.5
244.0
0.108
P6SMB170A
NPJ
162.0
179.0
1.0
145.0
5.0
2.6
234.0
0.108
P6SMB180
NQJ
162.0
198.0
1.0
146.0
5.0
2.4
258.0
0.108
P6SMB180A
NRJ
171.0
189.0
1.0
154.0
5.0
2.5
246.0
0.108
P6SMB200
NSJ
180.0
220.0
1.0
162.0
5.0
2.1
287.0
0.108
P6SMB200A
NTJ
190.0
210.0
1.0
171.0
5.0
2.2
274.0
0.108
P6SMB220
NUJ
198.0
242.0
1.0
175.0
5.0
1.8
342.0
0.108
P6SMB220A
NVJ
209.0
231.0
1.0
185.0
5.0
1.9
328.0
0.108
Notes:
1. VBR measured after IT applied for 300us, IT=square wave pulse or equivalent.
2. Surge current waverform per Figure 3 and derate per Figure 2.
3. For bipolar types having VWM of 10 volts and under, the ID limit is doubled.
4. For bidirectional use C or CA suffix for types P6SMB6.8 through P6SMB220A.
5. All terms and symbols are consistent with ANSI/IEEE C62.35.
ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
Breakdown Volta


Similar Part No. - P6SMB82A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
P6SMB82A CENTRAL-P6SMB82A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Vishay Siliconix
P6SMB82A VISHAY-P6SMB82A Datasheet
109Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 06-Jun-14
logo
Microdiode Electronics ...
P6SMB82A CHENDA-P6SMB82A Datasheet
2Mb / 4P
   6.8-550 Volts Peak pulse power: 600 Watts
logo
Diotech Company.
P6SMB82A DIOTECH-P6SMB82A Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
HuaXinAn Electronics CO...
P6SMB82A HUAXINAN-P6SMB82A Datasheet
437Kb / 5P
   600W Transient Voltage Suppressors
More results

Similar Description - P6SMB82A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMBJ LUGUANG-SMBJ_13 Datasheet
316Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Fuji Electric
P6SMB FUJI-P6SMB Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMBJ5.0 TSC-SMBJ5.0_1 Datasheet
562Kb / 5P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMBJ440 LUGUANG-SMBJ440 Datasheet
1,002Kb / 6P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P6SMB_SERIES PANJIT-P6SMB_SERIES_14 Datasheet
246Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
logo
SHIKUES Electronics
SMBJ SKTECHNOLGY-SMBJ Datasheet
461Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
logo
DONGGUAN YOU FENG WEI E...
SMBFJ6.8A YFWDIODE-SMBFJ6.8A Datasheet
496Kb / 5P
   Surface mount transient voltage suppressor power 600 watts
logo
SHIKUES Electronics
P6SMB SKTECHNOLGY-P6SMB Datasheet
461Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
logo
Pan Jit International I...
P6SMAFJ5.0A PANJIT-P6SMAFJ5.0A Datasheet
116Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
logo
DONGGUAN YOU FENG WEI E...
SMBJ6.8A YFWDIODE-SMBJ6.8A Datasheet
520Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com