Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1180N251C Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R1180N251C
Description  150mA LDO REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1180N251C Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R1180N251C Datasheet HTML 2Page - RICOH electronics devices division R1180N251C Datasheet HTML 3Page - RICOH electronics devices division R1180N251C Datasheet HTML 4Page - RICOH electronics devices division R1180N251C Datasheet HTML 5Page - RICOH electronics devices division R1180N251C Datasheet HTML 6Page - RICOH electronics devices division R1180N251C Datasheet HTML 7Page - RICOH electronics devices division R1180N251C Datasheet HTML 8Page - RICOH electronics devices division R1180N251C Datasheet HTML 9Page - RICOH electronics devices division R1180N251C Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
R1180x
6
TYPICAL CHARACTERISTICS
1) Output Voltage vs. Output Current (Topt
=25°C)
R1180x121x
R1180x281x
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
100
200
300
400
500
Output Current IOUT[mA]
VIN
=2.0V
VIN
=2.2V
VIN
=3.5V
VIN
=2.5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
100
200
300
400
500
Output Current IOUT[mA]
VIN
=3.1V
VIN
=3.3V
VIN
=3.8V
R1180x361x
0.0
1.0
2.0
3.0
4.0
0
100
200
300
400
500
Output Current IOUT[mA]
VIN
=3.9V
VIN
=4.6V
2) Output Voltage vs. Input Voltage (Topt
=25°C)
R1180x121x
R1180x281x
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
12
34
56
Input Voltage VIN[V]
1mA
30mA
50mA
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
123
4
56
Input Voltage VIN[V]
1mA
30mA
50mA


Similar Part No. - R1180N251C

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1180N251C NISSHINBO-R1180N251C Datasheet
601Kb / 26P
   150 mA LDO Regulator for Industrial Applications
logo
RICOH electronics devic...
R1180N251C-TR-FE RICOH-R1180N251C-TR-FE Datasheet
303Kb / 19P
   150mA LDO REGULATOR
More results

Similar Description - R1180N251C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
   150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
   150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180 RICOH-R1180 Datasheet
303Kb / 19P
   150mA LDO REGULATOR
logo
Unisonic Technologies
LR9280 UTC-LR9280 Datasheet
240Kb / 6P
   150mA LDO REGULATOR
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Unisonic Technologies
LR8XXYY UTC-LR8XXYY Datasheet
174Kb / 6P
   150mA DUAL LDO REGULATOR
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com