Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RGP15A Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part No. RGP15A
Description  1.5 AMPS. Glass Passivated Junction Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TSC [Taiwan Semiconductor Company, Ltd]
Homepage  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

RGP15A Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  RGP15A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd RGP15A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 576 -
RGP15A THRU RGP15M
1.5 AMPS. Glass Passivated Junction Fast Recovery Rectifiers
Voltage Range
50 to 1000 Volts
Current
1.5 Amperes
Features
High temperature metallurgically bonded constructed
Plastic material used carries Underwriters Laboratory
Classification 94V-0
Glass passivated cavity-free junction
Capable of meeting environmental standards of
MIL-S-19500
1.5 amperes operation at TA=50
oC with no thermal runaway
Typical IR less than 0.1 uA
High temperature soldering guaranteed:
350
℃/10seconds/.375”(9.5mm) lead length at 5 lbs.,
2.3 kg tension
Mechanical Data
Cases: JEDEC DO-15 molded plastic over glass body
Lead: Plated Axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.015 ounce, 0.4 gram
DO-15
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol RGP
15A
RGP
15B
RGP
15D
RGP
15G
RGP
15J
RGP
15K
RGP
15M
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
.375” (9.5mm) Lead Length @TA = 55
I(AV)
1.5
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method )
IFSM
50.0
A
Maximum Instantaneous Forward Voltage @ 1.5A
VF
1.3
V
Maximum Full Load Reverse Current, Full Cycle
Average 0.375”(9.3mm) Lead Length at TA=55
oC
HTIR
100
uA
Maximum DC Reverse Current @ TA=25
at Rated DC Blocking Voltage @ TA=150
IR
5.0
200
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
150
250
500
nS
Typical Junction Capacitance ( Note 2 )
Cj
15
pF
Typical Thermal Resistance (Note 3)
R
θJA
60
℃/W
Operating and Storage Temperature Range
TJ ,TSTG
-65 to + 175
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1.0 MHz and Applied VR=4.0 Volts
3. Mount on Cu-Pad Size 10mm x 10mm on P.C.B.


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FR151G1.5 AMPS. Glass Passivated Fast Recovery Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
FR151G_11.5 AMPS. Glass Passivated Fast Recovery Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
FR601G_16.0 AMPS. Glass Passivated Fast Recovery Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
FR1601G16.0 AMPS. Glass Passivated Fast Recovery Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
FR1601G_116.0 AMPS. Glass Passivated Fast Recovery Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
RGP10A1.0 AMP. Glass Passivated Junction Fast Recovery Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
FR201G2.0 AMPS. Glass Passivated Fast Recovery Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
FR201G_12.0 AMPS. Glass Passivated Fast Recovery Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
FR301G3.0 AMPS. Glass Passivated Fast Recovery Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
FR301G_13.0 AMPS. Glass Passivated Fast Recovery Rectifiers 1 2 Taiwan Semiconductor Company, Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn