Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RGP10A Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part No. RGP10A
Description  1.0 AMP. Glass Passivated Junction Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TSC [Taiwan Semiconductor Company, Ltd]
Homepage  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

RGP10A Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  RGP10A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd RGP10A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 574 -
RGP10A THRU RGP10M
1.0 AMP. Glass Passivated Junction Fast Recovery Rectifiers
Voltage Range
50 to 1000 Volts
Current
1.0 Ampere
Features
High temperature metallurgically bonded constructed
Plastic material used carries Underwriters Laboratory
Classification 94V-0
Glass passivated cavity-free junction
Capable of meeting environmental standards of
MIL-S-19500
1.0 ampere operation at TA=55
oC with no thermal runaway
Typical IR less than 0.1 uA
High temperature soldering guaranteed:
350
oC / 10 seconds, 0.375”(9.5mm) lead length, 5 lbs.,
(2.3kg) tension
Fast switching for high efficiency
Mechanical Data
Case: JEDEC DO-41 molded plastic over glass body
Lead: Plated Axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.012 ounce, 0.3 gram
DO-41
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol RGP
10A
RGP
10B
RGP
10D
RGP
10G
RGP
10J
RGP
10K
RGP
10M
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375” (9.5mm) Lead Length
@ TA = 55
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30.0
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
1.3
V
Maximum DC Reverse Current @ TA=25
at Rated DC Blocking Voltage @ TA=150
IR
5.0
200
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
TJ=25
Trr
150
250
500
nS
Typical Junction Capacitance ( Note 2 )
Cj
15
pF
Typical Thermal Resistance (Note 3)
R
θJA
65
℃/W
Operating Temperature Range
TJ
-65 to + 175
Storage Temperature Range
TSTG
-65 to + 175
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A Recover to 0.25A.
2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0 Volts.
3. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BA157G1.0 AMP. Glass Passivated Fast Recovery Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
1N4933G1.0 AMP. Glass Passivated Fast Recovery Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
BA157G_11.0 AMP. Glass Passivated Fast Recovery Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
1N4001GP1.0 AMP. Glass Passivated Junction Plastic Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
1N4933_11.0 AMP. Fast Recovery Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
1N4933G_11.0 AMP.Glass Passivated Fast Recovery Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
HDB101G1.0 AMP. Glass Passivated Bridge High Efficient Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
HDB101G1.0 AMP. Glass Passivated Bridge High Efficient Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
FR201G2.0 AMPS. Glass Passivated Fast Recovery Rectifiers 1 2 Taiwan Semiconductor Company, Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn