Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA24 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # P4SMA24
Description  400 Watts Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P4SMA24 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  P4SMA24 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P4SMA24 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P4SMA24 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P4SMA24 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dimensions in inches and (millimeters)
- 524 -
ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Device
Device
Current
Voltage
Reverse Leakage
Peak Pulse
Clamping
Temperature
Marking
@IT
VWM
at VWM
Current IPPM
Voltage at IPPM
Coefficient
Code
Min
Max
(mA)
(Volts)
ID (uA)
(Note 2)(Amps)
VC(Volts)
of VBR(% /
OC)
P4SMA6.8
ADJ
6.12
7.48
10
5.50
1000
38
10.8
0.057
P4SMA6.8A
AEJ
6.46
7.14
10
5.80
1000
40
10.5
0.057
P4SMA7.5
AFJ
6.75
8.25
10
6.05
500
35
11.7
0.061
P4SMA7.5A
AGJ
7.13
7.88
10
6.40
500
37
11.3
0.061
P4SMA8.2
AHJ
7.38
9.02
10
6.63
200
33
12.5
0.065
P4SMA8.2A
AKJ
7.79
8.61
10
7.02
200
34
12.1
0.065
P4SMA9.1
ALJ
8.19
10.0
1.0
7.37
50
30
13.8
0.068
P4SMA9.1A
AMJ
8.65
9.55
1.0
7.78
50
31
13.4
0.068
P4SMA10
ANJ
9.00
11.0
1.0
8.10
10
28
15.0
0.073
P4SMA10A
APJ
9.50
10.5
1.0
8.55
10
29
14.5
0.073
P4SMA11
AQJ
9.90
12.1
1.0
8.92
5.0
26
16.2
0.075
P4SMA11A
ARJ
10.5
11.6
1.0
9.40
5.0
27
15.6
0.075
P4SMA12
ASJ
10.8
13.2
1.0
9.72
5.0
24
17.3
0.078
P4SMA12A
ATJ
11.4
12.6
1.0
10.2
5.0
25
16.7
0.078
P4SMA13
AUJ
11.7
14.3
1.0
10.5
5.0
22
19.0
0.081
P4SMA13A
AVJ
12.4
13.7
1.0
11.1
5.0
23
18.2
0.081
P4SMA15
AWJ
13.5
16.5
1.0
12.1
5.0
19
22.0
0.084
P4SMA15A
AXJ
14.3
15.8
1.0
12.8
5.0
20
21.2
0.084
P4SMA16
AYJ
14.4
17.6
1.0
12.9
5.0
17.8
23.5
0.086
P4SMA16A
AZJ
15.2
16.8
1.0
13.6
5.0
18.6
22.5
0.086
P4SMA18
BDJ
16.2
19.8
1.0
14.5
5.0
16
26.5
0.088
P4SMA18A
BEJ
17.1
18.9
1.0
15.3
5.0
16.5
25.5
0.088
P4SMA20
BFJ
18.0
22.0
1.0
16.2
5.0
14
29.1
0.090
P4SMA20A
BGJ
19.0
21.0
1.0
17.1
5.0
15
27.7
0.090
P4SMA22
BHJ
19.8
24.2
1.0
17.8
5.0
13
31.9
0.092
P4SMA22A
BKJ
20.9
23.1
1.0
18.8
5.0
13.7
30.6
0.092
P4SMA24
BLJ
21.6
26.4
1.0
19.4
5.0
12
34.7
0.094
P4SMA24A
BMJ
22.8
25.2
1.0
20.5
5.0
12.6
33.2
0.094
P4SMA27
BNJ
24.3
29.7
1.0
21.8
5.0
10.7
39.1
0.096
P4SMA27A
BPJ
25.7
28.4
1.0
23.1
5.0
11.0
37.5
0.096
P4SMA30
BQJ
27.0
33.0
1.0
24.3
5.0
9.6
43.5
0.097
P4SMA30A
BRJ
28.5
31.5
1.0
25.6
5.0
10
41.4
0.097
P4SMA33
BSJ
29.7
36.3
1.0
26.8
5.0
8.8
47.7
0.098
P4SMA33A
BTJ
31.4
34.7
1.0
28.2
5.0
9.0
45.7
0.098
P4SMA36
BUJ
32.4
39.6
1.0
29.1
5.0
8.0
52.0
0.099
P4SMA36A
BVJ
34.2
37.8
1.0
30.8
5.0
8.4
49.9
0.099
P4SMA39
BWJ
35.1
42.9
1.0
31.6
5.0
7.4
56.4
0.100
P4SMA39A
BXJ
37.1
41.0
1.0
33.3
5.0
7.7
53.9
0.100
P4SMA43
BYJ
38.7
47.3
1.0
34.8
5.0
6.7
61.9
0.101
P4SMA43A
BZJ
40.9
45.2
1.0
36.8
5.0
7.0
59.3
0.101
P4SMA47
CDJ
42.3
51.7
1.0
38.1
5.0
6.2
67.8
0.101
P4SMA47A
CEJ
44.7
49.4
1.0
40.2
5.0
6.4
64.8
0.101
P4SMA51
CFJ
45.9
56.1
1.0
41.3
5.0
5.7
73.5
0.102
P4SMA51A
CGJ
48.5
53.6
1.0
43.6
5.0
6.0
70.1
0.102
P4SMA56
CHJ
50.4
61.6
1.0
45.4
5.0
5.2
80.5
0.103
P4SMA56A
CKJ
53.2
58.8
1.0
47.8
5.0
5.4
77.0
0.103
P4SMA62
CLJ
55.8
68.2
1.0
50.2
5.0
4.7
89.0
0.104
P4SMA62A
CMJ
58.9
65.1
1.0
53.0
5.0
5.0
85.0
0.104
P4SMA68
CNJ
61.2
74.8
1.0
55.1
5.0
4.2
98.0
0.104
P4SMA68A
CPJ
64.6
71.4
1.0
58.1
5.0
4.5
92.0
0.104
P4SMA75
CQJ
67.5
82.5
1.0
60.7
5.0
3.8
108.0
0.105
P4SMA75A
CRJ
71.3
78.8
1.0
64.1
5.0
4.0
103.0
0.105
P4SMA82
CSJ
73.8
90.2
1.0
66.4
5.0
3.5
118.0
0.105
P4SMA82A
CTJ
77.9
86.1
1.0
70.1
5.0
3.7
113.0
0.105
P4SMA91
CUJ
81.9
100.0
1.0
73.7
5.0
3.2
131.0
0.106
P4SMA91A
CVJ
86.5
95.5
1.0
77.8
5.0
3.3
125.0
0.106
Breakdown Voltage
VBR
(Volts) (Note 1)


Similar Part No. - P4SMA24

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA24 WTE-P4SMA24 Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nantong Hornby Electron...
P4SMA24 HORNBY-P4SMA24 Datasheet
336Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
P4SMA24 TSC-P4SMA24 Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P4SMA24 PANJIT-P4SMA24 Datasheet
109Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Fuji Electric
P4SMA24 FUJI-P4SMA24 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - P4SMA24

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SLCA5.0 SUNMATE-SLCA5.0 Datasheet
185Kb / 2P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
Fuji Electric
P4SMA FUJI-P4SMA Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
P4SMAJ-220V-SMA YFWDIODE-P4SMAJ-220V-SMA Datasheet
715Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
P4SMAFJ5.0A YFWDIODE-P4SMAFJ5.0A Datasheet
669Kb / 5P
   Surface mount transient voltage suppressor power 400 watts
logo
SHIKUES Electronics
SMAFJ SKTECHNOLGY-SMAFJ Datasheet
669Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
SMAJ SKTECHNOLGY-SMAJ Datasheet
401Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
logo
Pan Jit International I...
P4SMAFJ PANJIT-P4SMAFJ Datasheet
481Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
P4SMA_SERIES PANJIT-P4SMA_SERIES_14 Datasheet
214Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
logo
Xian Semipower Electron...
P4SMAFJ SEMIPOWER-P4SMAFJ Datasheet
172Kb / 5P
   Surface mount transient voltage suppressor power 400 watts
logo
DONGGUAN YOU FENG WEI E...
P4SMAFJ5.0A-SMAF YFWDIODE-P4SMAFJ5.0A-SMAF_17 Datasheet
669Kb / 5P
   Surface mount transient voltage suppressor power 400 watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com