Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1218N032A Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1218N032A
Description  Step-up DC/DC converter for White LED Backlight
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1218N032A Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1218N032A Datasheet HTML 1Page - RICOH electronics devices division R1218N032A Datasheet HTML 2Page - RICOH electronics devices division R1218N032A Datasheet HTML 3Page - RICOH electronics devices division R1218N032A Datasheet HTML 4Page - RICOH electronics devices division R1218N032A Datasheet HTML 5Page - RICOH electronics devices division R1218N032A Datasheet HTML 6Page - RICOH electronics devices division R1218N032A Datasheet HTML 7Page - RICOH electronics devices division R1218N032A Datasheet HTML 8Page - RICOH electronics devices division R1218N032A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
R1218x
5
ELECTRICAL CHARACTERISTICS
R1218xxxxA
Topt=25
°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VIN
Operating Input Voltage
1.8
5.5
V
IDD
Supply Current
VIN
=5.5V, VFB=0V, Lx at no load
0.5
1.0
mA
Istandby
Standby Current
VIN
=5.5V, VCE=0V
0
3.0
µA
VUVLO1
UVLO Detector Threshold
VIN falling
1.5
1.6
1.7
V
VUVLO2
UVLO Released Voltage
VIN rising
VUVLO1
+0.1
1.8
V
VCEH
CE Input Voltage "H"
VIN
=5.5V
1.5
V
VCEL
CE Input Voltage "L"
VIN
=1.8V
0.5
V
RCE
CE Pull Down Resistance
VIN
=3.6V
600
1200
2200
k
tshtdn
CE Shutdown Delay Time
VIN
=3.6V
10
ms
VFB
VFB Voltage
VIN
=3.6V
0.19
0.20
0.21
V
∆VFB/
∆Topt
VFB Voltage Temperature
Coefficient
VIN
=3.6V, −40°C <
= Topt <
= 85°C
±150
ppm
/°C
IFB
VFB Input Current
VIN
=5.5V, VFB=0V or 5.5V
−0.1
0.1
µA
RON
Switch On Resistance
VIN
=3.6V, ISW=100mA
1.5
R1218xxx1A
VLX
=20V
0
3.0
µA
ILXleak
Switch Leakage Current
R1218xxx2A
VLX
=29V
0
3.0
µA
ILXlim
Switch Current Limit
VIN
=3.6V
400
700
1000
mA
Vf
Diode Forward Voltage
R1218xxx1A IDIODE
=100mA
0.8
V
IDIODEleak
Diode Leakage Current
R1218xxx1A VOUT
=20V, VLX=0V
10
µA
fosc
Oscillator Frequency
VIN
=3.6V, VOUT=VFB=0V
1.0
1.2
1.4
MHz
Maxduty
Maximum Duty Cycle
VIN
=3.6V, VOUT=VFB=0V
86
91
%
R1218x021A
8.5
9.5
10.5
R1218x031A
13.0
14.0
15.0
R1218x041A
17.0
18.5
20.0
R1218x052A
21.5
23.0
24.5
VOVP1
OVP Detector Threshold
VIN
=3.6V,
VOUT rising
R1218x062A
26.0
27.5
29.0
V
R1218x021A
VOVP1
−0.5
R1218x031A
VOVP1
−0.75
R1218x041A
VOVP1
−1.0
R1218x052A
VOVP1
−1.25
VOVP2
OVP Released Voltage
VIN
=3.6V,
VOUT falling
R1218x062A
VOVP1
−1.5
V


Similar Part No. - R1218N032A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R12188 ETC2-R12188 Datasheet
66Kb / 2P
   SOLDERING TOOLS LIGHT DUTY
logo
RICOH electronics devic...
R1218X RICOH-R1218X Datasheet
326Kb / 14P
   Step-up DC/DC converter for Whilte LED Backlight
R1218XXX1A RICOH-R1218XXX1A Datasheet
326Kb / 14P
   Step-up DC/DC converter for Whilte LED Backlight
R1218XXX2A RICOH-R1218XXX2A Datasheet
326Kb / 14P
   Step-up DC/DC converter for Whilte LED Backlight
More results

Similar Description - R1218N032A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1218X RICOH-R1218X Datasheet
326Kb / 14P
   Step-up DC/DC converter for Whilte LED Backlight
logo
SYNC POWER Crop.
SP1937 SYNC-POWER-SP1937_10 Datasheet
391Kb / 12P
   DC-DC Step-Up Converter for White LED
SP1937 SYNC-POWER-SP1937 Datasheet
329Kb / 10P
   DC-DC Step-Up Converter for White LED
logo
Advanced Analogic Techn...
AAT1231 ANALOGICTECH-AAT1231 Datasheet
1Mb / 27P
   Step-Up DC/DC Converters for White LED Backlight Applications
logo
SYNC POWER Crop.
SP1938 SYNC-POWER-SP1938 Datasheet
171Kb / 6P
   DC-DC Step-Up Converter for White LED
logo
Advanced Analogic Techn...
AAT1231 ANALOGICTECH-AAT1231_08 Datasheet
1Mb / 27P
   Step-Up DC/DC Converters for White LED Backlight Applications
logo
AiT Semiconductor Inc.
A8169-020 AITSEMI-A8169-020 Datasheet
503Kb / 7P
   LED BACKLIGHT DRIVER STEP-UP DC/DC CONVERTER
REV2.1
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9133 TOREX-XC9133 Datasheet
545Kb / 15P
   Step-Up DC/DC Converter-LED Backlight Driver
XC9116 TOREX-XC9116_1 Datasheet
553Kb / 23P
   Step-Up DC/DC Converter-Backlight LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com