Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1212D Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R1212D
Description  STEP-UP DC/DC CONTOLLER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1212D Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R1212D Datasheet HTML 6Page - RICOH electronics devices division R1212D Datasheet HTML 7Page - RICOH electronics devices division R1212D Datasheet HTML 8Page - RICOH electronics devices division R1212D Datasheet HTML 9Page - RICOH electronics devices division R1212D Datasheet HTML 10Page - RICOH electronics devices division R1212D Datasheet HTML 11Page - RICOH electronics devices division R1212D Datasheet HTML 12Page - RICOH electronics devices division R1212D Datasheet HTML 13Page - RICOH electronics devices division R1212D Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
R1212D
10
TYPICAL APPLICATIONS AND TECHNICAL NOTES
VIN
DELAY
GND
VREFOUT
EXT
VFB
AMPOUT
DTC
C1
C2
C6
R5
R6
C7
C5
R4
NMOS
C4
R3
Diode
Inductor
R1
R2
C3
VOUT
LDR655312T-100(TDK) [R1212DxxxA]
LDR655312T-4R7(TDK) [R1212DxxxB]
Inductor
LDR655312T-220(TDK) [R1212DxxxC]
NMOS
CPH6415 (Sanyo)
Diode
CRS02 (Toshiba)
C1
2.2
µF
C6
0.1
µF
C2
1
µF
C7
0.1
µF
C3
1.5
µF
Set V
5V
10V
15V
1000pF[R1212DxxxA]
R1
120k
180k
140k
680pF[R1212DxxxB]
R2
30k
20k
10k
C4
1500pF[R1212DxxxC]
R3
1k
1000pF[R1212DxxxA]
R4
4.7k
680pF[R1212DxxxB]
R5
240k
C5
1500pF[R1212DxxxC]
R6
300k
Use a 1
µF or more capacitance value of bypass capacitor between VIN pin and GND, C1 as shown in the
typical application above. Connect the capacitor as short as possible to the IC.
• In terms of the capacitor for setting delay time of the latch protection, C2 is shown in typical application above.
Latch delay time depends on this C2 value. Refer to the Latch Protection Operation Timing Chart.
• Connect a 1µF or more value of capacitor between VOUT and GND, C3 as shown in typical application above.
(Recommended value is from 10
µF to 22µF.) If the operation of the composed DC/DC converter may be
unstable, use a tantalum type capacitor instead of ceramic type
• Connect a capacitor between VREFOUT and GND, C6 as shown in typical application of the previous page.
The capacitance value of C6 is between 0.1
µF and 1.0µF.


Similar Part No. - R1212D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R1212D RECOM-R1212D Datasheet
83Kb / 2P
   EUROLINE - DC/DC - CONVERTER
More results

Similar Description - R1212D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1215D RICOH-R1215D Datasheet
499Kb / 22P
   STEP-UP DC/DC CONTOLLER
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
   Step-Up DC/DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
   STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
   STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
logo
Micon Design Technology...
MDT7733 MDTIC-MDT7733 Datasheet
63Kb / 3P
   Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com