Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3112Q141A Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R3112Q141A
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3112Q141A Datasheet(HTML) 3 Page - RICOH electronics devices division

  R3112Q141A Datasheet HTML 1Page - RICOH electronics devices division R3112Q141A Datasheet HTML 2Page - RICOH electronics devices division R3112Q141A Datasheet HTML 3Page - RICOH electronics devices division R3112Q141A Datasheet HTML 4Page - RICOH electronics devices division R3112Q141A Datasheet HTML 5Page - RICOH electronics devices division R3112Q141A Datasheet HTML 6Page - RICOH electronics devices division R3112Q141A Datasheet HTML 7Page - RICOH electronics devices division R3112Q141A Datasheet HTML 8Page - RICOH electronics devices division R3112Q141A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
R3112x
3
PIN CONFIGURATION
SOT-23-5
SC82-AB
SON1612-6
1
2
3
4
5
(mark side)
43
1
2
(mark side)
1
2
3
6
5
4
PIN DESCRIPTION
SOT-23-5
Pin No.
Symbol
Description
1
OUT
Output Pin
(Output “L” at detector threshold, Output “H” at released voltage)
2
VDD
Voltage Supply Pin
3
GND
Ground Pin
4
NC
No Connection
5
CD
Pin for External Capacitor (for setting output delay)
SC-82AB
Pin No.
Symbol
Description
1
VDD
Voltage Supply Pin
2
GND
Ground Pin
3
CD
Pin for External Capacitor (for setting output delay)
4
OUT
Output Pin
(Output “L” at detector threshold, Output “H” at released voltage)
SON1612-6
Pin No.
Symbol
Description
1
OUT
Output Pin
(Output “L” at detector threshold, Output “H” at released voltage)
2
GND
Ground Pin
3
CD
Pin for External Capacitor (for setting output delay)
4
NC
No Connection
5
GND
Ground Pin
6
VDD
Voltage Supply Pin


Similar Part No. - R3112Q141A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112Q131A RICOH-R3112Q131A Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3112Q131A-TR RICOH-R3112Q131A-TR Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3112Q131C RICOH-R3112Q131C Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3112Q131C-TR RICOH-R3112Q131C-TR Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
More results

Similar Description - R3112Q141A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112X091A RICOH-R3112X091A Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3115Z RICOH-R3115Z Datasheet
884Kb / 28P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Rohm
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXF ROHM-BU42XXF Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXF ROHM-BU43XXF Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXFVE ROHM-BU43XXFVE Datasheet
329Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com