Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1218K031A Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # R1218K031A
Description  Step-up DC/DC converter for White LED Backlight
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1218K031A Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button R1218K031A Datasheet HTML 7Page - RICOH electronics devices division R1218K031A Datasheet HTML 8Page - RICOH electronics devices division R1218K031A Datasheet HTML 9Page - RICOH electronics devices division R1218K031A Datasheet HTML 10Page - RICOH electronics devices division R1218K031A Datasheet HTML 11Page - RICOH electronics devices division R1218K031A Datasheet HTML 12Page - RICOH electronics devices division R1218K031A Datasheet HTML 13Page - RICOH electronics devices division R1218K031A Datasheet HTML 14Page - RICOH electronics devices division R1218K031A Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
R1218x
11
4) Efficiency vs. LED Current (6LED) L: LQH32CN220, Diode: CRS02 (Topt=25
°C)
R1218x062A
R1218x062A
012
8
416
20
0
30
20
10
40
50
60
80
70
90
100
VIN=2.7V
LED Current lLED (mA)
012
8
416
20
0
30
20
10
40
50
60
80
70
90
100
VIN=3.6V
LED Current lLED (mA)
R1218x062A
012
8
416
20
0
30
20
10
40
50
60
80
70
90
100
VIN=4.2V
LED Current lLED (mA)
5) PWM Dimming Control (2 LED) VIN=3.6V, R1=10
5-1. Duty vs. LED Current (Topt=25
°C)
R1218x021A
5kHz
1kHz
200Hz
060
40
20
80
100
Duty (%)
0
7.5
5.0
2.5
10.0
12.5
15.0
20.0
17.5
22.5
25.0


Similar Part No. - R1218K031A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R12188 ETC2-R12188 Datasheet
66Kb / 2P
   SOLDERING TOOLS LIGHT DUTY
logo
RICOH electronics devic...
R1218X RICOH-R1218X Datasheet
326Kb / 14P
   Step-up DC/DC converter for Whilte LED Backlight
R1218XXX1A RICOH-R1218XXX1A Datasheet
326Kb / 14P
   Step-up DC/DC converter for Whilte LED Backlight
R1218XXX2A RICOH-R1218XXX2A Datasheet
326Kb / 14P
   Step-up DC/DC converter for Whilte LED Backlight
More results

Similar Description - R1218K031A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1218X RICOH-R1218X Datasheet
326Kb / 14P
   Step-up DC/DC converter for Whilte LED Backlight
logo
SYNC POWER Crop.
SP1937 SYNC-POWER-SP1937_10 Datasheet
391Kb / 12P
   DC-DC Step-Up Converter for White LED
SP1937 SYNC-POWER-SP1937 Datasheet
329Kb / 10P
   DC-DC Step-Up Converter for White LED
logo
Advanced Analogic Techn...
AAT1231 ANALOGICTECH-AAT1231 Datasheet
1Mb / 27P
   Step-Up DC/DC Converters for White LED Backlight Applications
logo
SYNC POWER Crop.
SP1938 SYNC-POWER-SP1938 Datasheet
171Kb / 6P
   DC-DC Step-Up Converter for White LED
logo
Advanced Analogic Techn...
AAT1231 ANALOGICTECH-AAT1231_08 Datasheet
1Mb / 27P
   Step-Up DC/DC Converters for White LED Backlight Applications
logo
AiT Semiconductor Inc.
A8169-020 AITSEMI-A8169-020 Datasheet
503Kb / 7P
   LED BACKLIGHT DRIVER STEP-UP DC/DC CONVERTER
REV2.1
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9133 TOREX-XC9133 Datasheet
545Kb / 15P
   Step-Up DC/DC Converter-LED Backlight Driver
XC9116 TOREX-XC9116_1 Datasheet
553Kb / 23P
   Step-Up DC/DC Converter-Backlight LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com