Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1218N021A Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R1218N021A
Description  Step-up DC/DC converter for White LED Backlight
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1218N021A Datasheet(HTML) 3 Page - RICOH electronics devices division

  R1218N021A Datasheet HTML 1Page - RICOH electronics devices division R1218N021A Datasheet HTML 2Page - RICOH electronics devices division R1218N021A Datasheet HTML 3Page - RICOH electronics devices division R1218N021A Datasheet HTML 4Page - RICOH electronics devices division R1218N021A Datasheet HTML 5Page - RICOH electronics devices division R1218N021A Datasheet HTML 6Page - RICOH electronics devices division R1218N021A Datasheet HTML 7Page - RICOH electronics devices division R1218N021A Datasheet HTML 8Page - RICOH electronics devices division R1218N021A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
R1218x
3
SELECTION GUIDE
The OVP threshold voltage and the package for the ICs can be selected at the user's request.
The selection can be available by designating the part number as shown below;
R1218xxxxx-xx-x ←Part Number
↑ ↑
↑ ↑
a
b
c d
Code
Contents
a
Designation of Package Type:
N: SOT-23-6
K: PLP1820-6
b
Designation of OVP threshold and with/without of built-in diode
021A: 9.5V with built-in diode
031A: 14.0V with built-in diode
041A: 18.5V with built-in diode
052A: 23.0V without built-in diode
062A: 27.5V without built-in diode
c
Designation of Taping Type:
Ex. TR (refer to Taping Specifications; for SOT-23-6 and PLP1820-6)
d
Designation of composition of plating:
−F : Lead free plating (SOT-23-6)
None : Au plating (PLP1820-6)


Similar Part No. - R1218N021A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R12188 ETC2-R12188 Datasheet
66Kb / 2P
   SOLDERING TOOLS LIGHT DUTY
logo
RICOH electronics devic...
R1218X RICOH-R1218X Datasheet
326Kb / 14P
   Step-up DC/DC converter for Whilte LED Backlight
R1218XXX1A RICOH-R1218XXX1A Datasheet
326Kb / 14P
   Step-up DC/DC converter for Whilte LED Backlight
R1218XXX2A RICOH-R1218XXX2A Datasheet
326Kb / 14P
   Step-up DC/DC converter for Whilte LED Backlight
More results

Similar Description - R1218N021A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1218X RICOH-R1218X Datasheet
326Kb / 14P
   Step-up DC/DC converter for Whilte LED Backlight
logo
SYNC POWER Crop.
SP1937 SYNC-POWER-SP1937_10 Datasheet
391Kb / 12P
   DC-DC Step-Up Converter for White LED
SP1937 SYNC-POWER-SP1937 Datasheet
329Kb / 10P
   DC-DC Step-Up Converter for White LED
logo
Advanced Analogic Techn...
AAT1231 ANALOGICTECH-AAT1231 Datasheet
1Mb / 27P
   Step-Up DC/DC Converters for White LED Backlight Applications
logo
SYNC POWER Crop.
SP1938 SYNC-POWER-SP1938 Datasheet
171Kb / 6P
   DC-DC Step-Up Converter for White LED
logo
Advanced Analogic Techn...
AAT1231 ANALOGICTECH-AAT1231_08 Datasheet
1Mb / 27P
   Step-Up DC/DC Converters for White LED Backlight Applications
logo
AiT Semiconductor Inc.
A8169-020 AITSEMI-A8169-020 Datasheet
503Kb / 7P
   LED BACKLIGHT DRIVER STEP-UP DC/DC CONVERTER
REV2.1
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9133 TOREX-XC9133 Datasheet
545Kb / 15P
   Step-Up DC/DC Converter-LED Backlight Driver
XC9116 TOREX-XC9116_1 Datasheet
553Kb / 23P
   Step-Up DC/DC Converter-Backlight LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com