Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # P6KE
Description  600 Watts Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P6KE Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  P6KE_1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P6KE_1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P6KE_1 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P6KE_1 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions in inches and (millimeters)
Version: A06
P6KE SERIES
600 Watts Transient Voltage Suppressor Diodes
DO-15
Features
UL Recognized File # E-96005
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Exceeds environmental standards of
MIL-STD-19500
600W surge capability at 10 x 100 us
waveform, duty cycle: 0.01%
Excellent clamping capability
Low zener impedance
Fast response time: Typically less than 1.0ps
from 0 volts to VBR for unidirectional and 5.0 ns
for bidirectional
Typical IR less than 1uA above 10V
High temperature soldering guaranteed:
260oC / 10 seconds / .375”,(9.5mm) lead length
/ 5lbs.,(2.3kg) tension
Mechanical Data
Case: Molded plastic
Lead: Pure tin plated lead free,, solderable per
MIL-STD-202, Method 208
Polarity: Color band denotes cathode except
bipolar
Weight: 0.42gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
Value
Units
Peak Power Dissipation at TA=25
OC, Tp=1ms (Note 1)
PPK
Minimum 600
Watts
Steady State Power Dissipation at TL=75
oC
Lead Lengths .375”, 9.5mm (Note 2)
PD
5.0
Watts
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method) (Note 3)
IFSM
100
Amps
Maximum Instantaneous Forward Voltage at 50.0A for
Unidirectional Only (Note 4)
VF
3.5 / 5.0
Volts
Operating and Storage Temperature Range
TJ, TSTG
-55 to + 175
o
C
Notes:
1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25
oC Per Fig. 2.
2. Mounted on Copper Pad Area of 1.6 x 1.6” (40 x 40 mm) Per Fig. 4.
3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per
Minutes Maximum.
4. VF=3.5V for Devices of VBR 200V and VF=5.0V Max. for Devices of VBR>200V.
Devices for Bipolar Applications
1. For Bidirectional Use C or CA Suffix for Types P6KE6.8 through Types P6KE400.
2. Electrical Characteristics Apply in Both Directions.


Similar Part No. - P6KE_1

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
P6KE-10 FCI-P6KE-10 Datasheet
177Kb / 4P
   6.8V to 200V GPP TRANSIENT VOLTAGE SUPPRESSORS
P6KE-100 FCI-P6KE-100 Datasheet
177Kb / 4P
   6.8V to 200V GPP TRANSIENT VOLTAGE SUPPRESSORS
P6KE-100A FCI-P6KE-100A Datasheet
177Kb / 4P
   6.8V to 200V GPP TRANSIENT VOLTAGE SUPPRESSORS
P6KE-10A FCI-P6KE-10A Datasheet
177Kb / 4P
   6.8V to 200V GPP TRANSIENT VOLTAGE SUPPRESSORS
P6KE-11 FCI-P6KE-11 Datasheet
177Kb / 4P
   6.8V to 200V GPP TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - P6KE_1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
P6KE480A LUGUANG-P6KE480A Datasheet
382Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_06 Datasheet
329Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
BZW06 NJSEMI-BZW06 Datasheet
91Kb / 2P
   600 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P6KE LUGUANG-P6KE Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
P6KE480 LUGUANG-P6KE480 Datasheet
388Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Fuji Electric
P6KE FUJI-P6KE Datasheet
368Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P6KE6.8 LUGUANG-P6KE6.8 Datasheet
629Kb / 5P
   600 Watts Transient Voltage Suppressor Diodes
P6KE51 LUGUANG-P6KE51 Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_10 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com