Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA7.5A Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # P4SMA7.5A
Description  400 Watts Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P4SMA7.5A Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  P4SMA7.5A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P4SMA7.5A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P4SMA7.5A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P4SMA7.5A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
- 525 -
ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Device
Device
Current
Voltage Reverse Leakage
Peak Pulse
Clamping
Temperature
Marking
@IT
VWM
at VWM
Current IPPM Voltage at IPPM Coefficient
Code
Min
Max
(mA)
(Volts)
ID (uA)
(Note 2)(Amps)
VC(Volts)
of VBR(% /
OC)
P4SMA100
CWJ
90.0
110.0
1.0
81.0
5.0
2.9
144.0
0.106
P4SMA100A
CXJ
95.0
105.0
1.0
85.5
5.0
3.0
137.0
0.106
P4SMA110
CYJ
99.0
121.0
1.0
89.2
5.0
2.6
158.0
0.107
P4SMA110A
CZJ
105.0
116.0
1.0
94.0
5.0
2.7
152.0
0.107
P4SMA120
RDJ
108.0
132.0
1.0
97.2
5.0
2.4
173.0
0.107
P4SMA120A
REJ
114.0
126.0
1.0
102.0
5.0
2.5
165.0
0.107
P4SMA130
RFJ
117.0
143.0
1.0
105.0
5.0
2.2
187.0
0.107
P4SMA130A
RGJ
124.0
137.0
1.0
111.0
5.0
2.3
179.0
0.107
P4SMA150
RHJ
135.0
165.0
1.0
121.0
5.0
1.9
215.0
0.108
P4SMA150A
RKJ
143.0
158.0
1.0
128.0
5.0
2.0
207.0
0.108
P4SMA160
RLJ
144.0
176.0
1.0
130.0
5.0
1.8
230.0
0.108
P4SMA160A
RMJ
152.0
168.0
1.0
136.0
5.0
1.9
219.0
0.108
P4SMA170
RNJ
153.0
187.0
1.0
138.0
5.0
1.7
244.0
0.108
P4SMA170A
RPJ
162.0
179.0
1.0
145.0
5.0
1.8
234.0
0.108
P4SMA180
RQJ
162.0
198.0
1.0
146.0
5.0
1.6
258.0
0.108
P4SMA180A
RRJ
171.0
189.0
1.0
154.0
5.0
1.7
246.0
0.108
P4SMA200
RSJ
180.0
220.0
1.0
162.0
5.0
1.4
287.0
0.108
P4SMA200A
RTJ
190.0
210.0
1.0
171.0
5.0
1.51
274.0
0.108
Notes:
1. VBR measured after IT applied for 300us, IT=square wave pulse or equivalent.
2. Surge current waveform per Figure 3 and derate per Figure 2.
3. For bipolar types having VWM of 10 volts and under, the ID limit is doubled.
4. For bidirectional use C or CA suffix for types P4SMA6.8 through P4SMA200A.
5. All terms and symbols are consistent with ANSI/IEEE C62.35.
VBR
(Volts) (Note 1)
Breakdown Voltage


Similar Part No. - P4SMA7.5A

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
P4SMA7.5A SEMITECH-P4SMA7.5A Datasheet
493Kb / 5P
   Low profile package
logo
Won-Top Electronics
P4SMA7.5A WTE-P4SMA7.5A Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
P4SMA7.5A LEIDITECH-P4SMA7.5A Datasheet
1Mb / 7P
   Surface Mount ??400W
logo
Silicon Standard Corp.
P4SMA7.5A SSC-P4SMA7.5A Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Ruilongyuan Electronics...
P4SMA7.5A RUILON-P4SMA7.5A Datasheet
878Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - P4SMA7.5A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SLCA5.0 SUNMATE-SLCA5.0 Datasheet
185Kb / 2P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
Fuji Electric
P4SMA FUJI-P4SMA Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
P4SMAJ-220V-SMA YFWDIODE-P4SMAJ-220V-SMA Datasheet
715Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
P4SMAFJ5.0A YFWDIODE-P4SMAFJ5.0A Datasheet
669Kb / 5P
   Surface mount transient voltage suppressor power 400 watts
logo
SHIKUES Electronics
SMAFJ SKTECHNOLGY-SMAFJ Datasheet
669Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
SMAJ SKTECHNOLGY-SMAJ Datasheet
401Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
logo
Pan Jit International I...
P4SMAFJ PANJIT-P4SMAFJ Datasheet
481Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
P4SMA_SERIES PANJIT-P4SMA_SERIES_14 Datasheet
214Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
logo
Xian Semipower Electron...
P4SMAFJ SEMIPOWER-P4SMAFJ Datasheet
172Kb / 5P
   Surface mount transient voltage suppressor power 400 watts
logo
DONGGUAN YOU FENG WEI E...
P4SMAFJ5.0A-SMAF YFWDIODE-P4SMAFJ5.0A-SMAF_17 Datasheet
669Kb / 5P
   Surface mount transient voltage suppressor power 400 watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com