Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT500GK08 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # STT500GK08
Description  Thyristor-Thyristor Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STT500GK08 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  STT500GK08 Datasheet HTML 1Page - List of Unclassifed Manufacturers STT500GK08 Datasheet HTML 2Page - List of Unclassifed Manufacturers STT500GK08 Datasheet HTML 3Page - List of Unclassifed Manufacturers STT500GK08 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
STT500
Thyristor-Thyristor Modules
0
300
600
900
1200
1500
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
0.001
0.01
0.1
1
0
2000
4000
6000
8000
10000
12000
14000
0
200
400
600
800
0
200
400
600
800
1000
1200
0
25
50
75
100
125
150
1
1
0
105
106
107
0
25
50
75
100
125
150
I
2t
I
TAVM / IFAVM
I
dAVM
A
T
A
T
C
s
t
ms
t
A2s
0
25
50
75
100
125
150
0
100
200
300
400
500
600
700
800
900
1000
°C
80 % V
RRM
T
VJ = 45°C
50 Hz
T
VJ = 140°C
T
VJ = 140°C
T
VJ = 45°C
I
TAVM
W
P
tot
A
°C
R
thKA K/W
0.03
0.07
0.12
0.2
0.3
0.4
0.6
°C
3xMTC500
Circuit
B6
T
A
R
thKA K/W
180° sin
120°
60°
30°
DC
180° sin
120°
60°
30°
DC
V
R = 0V
I
TSM
A
A
0.01
0.02
0.03
0.045
0.06
0.08
0.12
P
tot
W
Fig.
Fig. 4
Power dissipation versus on-state current and ambient temperature
1 Surge overload current
I
TSM, IFSM: Crest value, t: duration
Fig. 2 i2dt versus time (1-10 ms)
Fig. 3
Maximum forward current
at case temperature
Fig. 6 Three phase rectifier bridge: Power dissipation versus direct output current
and ambient temperature
10-3
10-2
10-1
100
101
102
0.1
1
10
I
G
V
G
A
1: I
GT, TVJ = 140°C
2: I
GT, TVJ =
25
°C
3: I
GT, TVJ = -40°C
V
4: P
GM =
20 W
5: P
GM =
60 W
6: P
GM = 120 W
I
GD, TVJ = 140°C
4
2
1
5
6
3
Fig. 5 Gate trigger characteristics
0.01
0.1
1
10
1
10
100
A
I
G
s
t
gd
Limit
typ.
T
VJ = 25° C
Fig. 7 Gate trigger delay time
3 x STT500


Similar Part No. - STT500GK08

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STT500GK08 SIRECTIFIER-STT500GK08 Datasheet
182Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Global Corp...
STT500GK08T SIRECT-STT500GK08T Datasheet
803Kb / 6P
   Thyristor-Thyristor Modules
More results

Similar Description - STT500GK08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
Sirectifier Semiconduct...
STT200GKXXB SIRECTIFIER-STT200GKXXB Datasheet
339Kb / 4P
   Thyristor-Thyristor Modules
logo
America Semiconductor, ...
AMS-IRKT250 AMERICASEMI-AMS-IRKT250 Datasheet
1Mb / 2P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320GKXXBT SIRECTIFIER-STT320GKXXBT Datasheet
305Kb / 4P
   Thyristor-Thyristor Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:70TT.XXI AEGIS-A3L:70TT.XXI Datasheet
376Kb / 4P
   Thyristor-Thyristor Modules
A3L:130TT.XXH AEGIS-A3L:130TT.XXH Datasheet
344Kb / 4P
   Thyristor-Thyristor Modules
A3L:210TT.XXH AEGIS-A3L:210TT.XXH Datasheet
368Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320 SIRECTIFIER-STT320 Datasheet
340Kb / 4P
   Thyristor-Thyristor Modules
STT200 SIRECTIFIER-STT200 Datasheet
329Kb / 4P
   Thyristor-Thyristor Modules
STT181 SIRECTIFIER-STT181 Datasheet
492Kb / 4P
   Thyristor-Thyristor Modules
STT116 SIRECTIFIER-STT116 Datasheet
586Kb / 4P
   Thyristor-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com