Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC627LP5 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part No. HMC627LP5
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC627LP5 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

 
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
14 - 26
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
14
HMC627LP5 / 627LP5E
v01.0907
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, DC - 1 GHz
Pin Number
Function
Description
Interface Schematic
1AMPIN
This pin is DC coupled.
An off chip DC blocking capacitor is required.
29
AMPOUT
RF output and DC bias (Vcc) for the output stage of the
amplifier.
2, 3, 11, 13,
28, 30 - 32
GND
These pins and package bottom
must be connected to RF/DC ground.
4, 12
ATTIN,
ATTOUT
These pins are DC coupled and matched to 50 Ohms.
Blocking capacitors are required. Select value based
on lowest frequency of operation.
5 - 10
ACG1 - ACG6
External capacitors to ground is required. Select value for
lowest frequency of operation. Place capacitor as close to
pins as possible.
14
SERIN
See truth table, control voltage
table and timing diagram.
15, 16
PUP2, PUP1
18 - 23
D5, D4, D3,
D2, D1, D0
24
P/S
25
CLK
27
LE
17
Vdd
Supply Voltage
26
SEROUT
Serial input data delayed by 6 clock cycles.
Pin Descriptions


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn