Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1131D182D Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1131D182D
Description  Low Voltage 300mA LDO REGULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1131D182D Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1131D182D Datasheet HTML 1Page - RICOH electronics devices division R1131D182D Datasheet HTML 2Page - RICOH electronics devices division R1131D182D Datasheet HTML 3Page - RICOH electronics devices division R1131D182D Datasheet HTML 4Page - RICOH electronics devices division R1131D182D Datasheet HTML 5Page - RICOH electronics devices division R1131D182D Datasheet HTML 6Page - RICOH electronics devices division R1131D182D Datasheet HTML 7Page - RICOH electronics devices division R1131D182D Datasheet HTML 8Page - RICOH electronics devices division R1131D182D Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
R1131x SERIES
Low Voltage 300mA LDO REGULATOR
NO.EA-116-061102
1
OUTLINE
The R1131x Series are CMOS-based low voltage regulator ICs with output voltage range from 0.8V to 3.3V.
The minimum operating voltage is 1.4V. Each of these voltage regulator ICs consists of a voltage reference unit,
an error amplifier, resistors for setting output voltage, a current limit circuit, and a chip enable circuit.
To prevent the destruction by over current, current limit circuit is included. Standby mode realizes ultra small
consumption current.
The output voltage of these ICs is internally fixed with high accuracy. Since the packages for these ICs are
SOT-23-5, SON-6, and HSON-6, high density mounting of the ICs on boards is possible.
FEATURES
• Supply Current ..................................................Typ. 80µA (VOUT < 1.8V)
Typ. 60
µA (VOUT >
= 1.8V)
• Standby Mode ...................................................Typ. 0.1µA
• Low Dropout Voltage.........................................Typ. 0.48V(IOUT=300mA Output Voltage=1.0V Type)
Typ. 0.31V(IOUT
=300mA Output Voltage=1.5V Type)
Typ. 0.23V(IOUT
=300mA Output Voltage=3.0V Type)
• Ripple Rejection................................................Typ. 65dB(f=1kHz)
• Low Temperature-Drift Coefficient of Output Voltage Typ. ±100ppm/°C
• Excellent Line Regulation .................................Typ. 0.01%/V
• Output Voltage Accuracy...................................±2.0%
• Packages .........................................................SOT-23-5, SON-6, HSON-6
• Output Voltage Range.......................................0.8V to 3.3V
• Input Voltage Range .........................................1.4V to 3.3V
• Built-in fold-back protection circuit ....................Typ. 50mA (Current at short mode)
• External Capacitors...........................................CIN=COUT=Tantalum 1.0µF (VOUT < 1.0V)
CIN
=COUT=Ceramic 1.0µF (VOUT >
= 1.0V)
APPLICATIONS
• Precision Voltage References.
• Power source for electrical appliances such as cameras, VCRs and hand-held communication equipment.
• Power source for battery-powered equipment.


Similar Part No. - R1131D182D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1131D151A-TR-FE RICOH-R1131D151A-TR-FE Datasheet
929Kb / 24P
   R1131
R1131D151B-TR-FE RICOH-R1131D151B-TR-FE Datasheet
929Kb / 24P
   R1131
R1131D151D-TR-FE RICOH-R1131D151D-TR-FE Datasheet
929Kb / 24P
   R1131
R1131D152A-TR-FE RICOH-R1131D152A-TR-FE Datasheet
929Kb / 24P
   R1131
R1131D152B-TR-FE RICOH-R1131D152B-TR-FE Datasheet
929Kb / 24P
   R1131
More results

Similar Description - R1131D182D

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1131X NISSHINBO-R1131X Datasheet
389Kb / 24P
   Low Voltage 300mA LDO REGULATOR
logo
Taiwan Semiconductor Co...
TS5214 TSC-TS5214 Datasheet
315Kb / 7P
   300mA Low Noise LDO Voltage Regulator
TS5214 TSC-TS5214_08 Datasheet
436Kb / 8P
   300mA Low Noise LDO Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5169 SEAWARD-SE5169 Datasheet
289Kb / 8P
   300mA CMOS Low Power LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com