Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKM50GB123D Datasheet(PDF) 3 Page - Semikron International

Part No. SKM50GB123D
Description  SEMITRANS® M IGBT Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKM50GB123D Datasheet(HTML) 3 Page - Semikron International

  SKM50GB123D_1 Datasheet HTML 1Page - Semikron International SKM50GB123D_1 Datasheet HTML 2Page - Semikron International SKM50GB123D_1 Datasheet HTML 3Page - Semikron International SKM50GB123D_1 Datasheet HTML 4Page - Semikron International SKM50GB123D_1 Datasheet HTML 5Page - Semikron International SKM50GB123D_1 Datasheet HTML 6Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© by SEMIKRON
B 6 – 83
0898
Tj = 150 °C
VGE > 15 V
Pcond(t) = VCEsat(t) . IC(t)
VCEsat(t) = VCE(TO)(Tj) + rCE(Tj) . IC(t)
VCE(TO)(Tj)
≤ 1,5 + 0,002 (Tj - 25) [V]
typ.: rCE(Tj) = 0,02 + 0,00008 (Tj - 25) [
Ω]
max.: rCE(Tj) = 0,03 + 0,00010 (Tj - 25) [
Ω]
valid for VGE = + 15
+ 2
− 1
[V]; IC > 0,3 ICnom
Fig. 9 Typ. output characteristic, tp = 80
µs; 25 °C
Fig. 10 Typ. output characteristic, tp = 80
µs; 125 °C
Fig. 11 Saturation characteristic (IGBT)
Fig. 12 Typ. transfer characteristic, tp = 80
µs; VCE = 20 V
Calculation elements and equations
Fig. 8 Rated current vs. temperature IC = f (TC)







9
9
9
9
9
9
,& >$@
 ;54
9&( >9@







9
9
9
9
9
9
,& >$@
 ;54
9&( >9@







      
,& >$@
 ;54
9*( >9@


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
2ED020I12-F Dual IGBT Driver IC for eupec Low and Medium Power IGBT Modules 1  2  3  4  5  More eupec GmbH
CM50TU-34KA IGBT MODULES HIGH POWER SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
M57962K Hybrid Integrated Circuit For Driving IGBT Modules 1  2  3  4  5  More Powerex Power Semiconductors
VLA503-01R DRIVER FOR IGBT MODULES 1  2  3  4  5  More Isahaya Electronics Corporation
VLA504-01R DRIVER FOR IGBT MODULES 1  2  3  4  5  More Isahaya Electronics Corporation
DIM200WLS12-A000 IGBT Chopper Module - Lower Arm Control 1  2  3  4  5  More Dynex Semiconductor
IRG4PH30KPBF INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated Ultrafast IGBT 1  2  3  4  5  More International Rectifier
STGB14NC60KD_06 N-channel 14A - 600V - TO-220 - TO-220FP - D2PAK Short circuit rated PowerMESH TM IGBT 1  2  3  4  5  More STMicroelectronics
STGP10NC60H_06 N-channel 10A - 600V - TO-220 Very fast PowerMESH TM IGBT 1  2  3  4  5  More STMicroelectronics
NGD18N40CLB Ignition IGBT 18 Amps 400 Volts 1  2  3  4  5  More ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn