Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA369AIDCKT Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA369AIDCKT
Description  1.8V, 1關A max, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA369AIDCKT Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button OPA369AIDCKT Datasheet HTML 3Page - Burr-Brown (TI) OPA369AIDCKT Datasheet HTML 4Page - Burr-Brown (TI) OPA369AIDCKT Datasheet HTML 5Page - Burr-Brown (TI) OPA369AIDCKT Datasheet HTML 6Page - Burr-Brown (TI) OPA369AIDCKT Datasheet HTML 7Page - Burr-Brown (TI) OPA369AIDCKT Datasheet HTML 8Page - Burr-Brown (TI) OPA369AIDCKT Datasheet HTML 9Page - Burr-Brown (TI) OPA369AIDCKT Datasheet HTML 10Page - Burr-Brown (TI) OPA369AIDCKT Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.ti.com
3.0
2.5
2.0
1.5
1.0
0.5
0
Temperature( C)
°
-
75
-
50
-
25
0
25
50
75
100
125
R =10kW
L
R =100kW
L
25
20
15
10
5
0
-
5
-
10
-
15
-
20
-
25
Temperature( C)
°
-
75
100
125
-
50
-
25
0
25
50
75
R =10kW
L
R =100kW
L
-
50
10k
1k
100
10
1
0.1
0.01
Temperature( C)
°
125
-
25
0
25
50
75
100
0
2.75
2.25
1.75
1.25
0.75
0.25
-
0.25
-
0.75
-
1.25
-
1.75
-
2.25
-
2.75
OutputCurrent(mA)
45
5
30
10
15
20
25
35
40
+115 C
°
+85 C
°
+25 C
°
-
40°C
V = 2.75V
S
±
2.0
1.5
1.0
0.5
0
Temperature( C)
°
-
75
100
-
50
-
25
0
25
50
75
125
3.0
2.5
2.0
1.5
1.0
0.5
0
Frequency(Hz)
100
1k
2k
OPA369
OPA2369
SBOS414A – AUGUST 2007 – REVISED SEPTEMBER 2007
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = 5V, RL = 100kΩ connected to VS/2, unless otherwise noted.
OUTPUT VOLTAGE SWING-FROM-RAIL
OPEN-LOOP GAIN vs TEMPERATURE
vs TEMPERATURE
Figure 13.
Figure 14.
INPUT BIAS CURRENT
OUTPUT VOLTAGE
vs TEMPERATURE
vs OUTPUT CURRENT
Figure 15.
Figure 16.
MAXIMUM OUTPUT VOLTAGE
QUIESCENT CURRENT vs TEMPERATURE
vs FREQUENCY
Figure 17.
Figure 18.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA369 OPA2369


Similar Part No. - OPA369AIDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA369AIDCKT TI-OPA369AIDCKT Datasheet
820Kb / 19P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA369AIDCKT TI-OPA369AIDCKT Datasheet
922Kb / 20P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
More results

Similar Description - OPA369AIDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA369 TI-OPA369_1 Datasheet
922Kb / 20P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA369 TI-OPA369 Datasheet
820Kb / 19P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA369 TI-OPA369_15 Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
Analog Devices
ADA4505-2 AD-ADA4505-2 Datasheet
708Kb / 20P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. 0
logo
SG Micro Corp
SGM321 SGMICRO-SGM321 Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8531 SGMICRO-SGM8531 Datasheet
675Kb / 16P
   500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8521 SGMICRO-SGM8521 Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8541 SGMICRO-SGM8541 Datasheet
618Kb / 14P
   1.1MHz, 42關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM721 SGMICRO-SGM721 Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8631 SGMICRO-SGM8631 Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com