Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC594LC3B Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC594LC3B
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC594LC3B Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC594LC3B Datasheet HTML 1Page - Hittite Microwave Corporation HMC594LC3B Datasheet HTML 2Page - Hittite Microwave Corporation HMC594LC3B Datasheet HTML 3Page - Hittite Microwave Corporation HMC594LC3B Datasheet HTML 4Page - Hittite Microwave Corporation HMC594LC3B Datasheet HTML 5Page - Hittite Microwave Corporation HMC594LC3B Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5
5 - 615
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC594LC3B
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
Broadband Gain & Return Loss
Gain vs. Temperature
P1dB vs. Temperature
Psat vs. Temperature
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 2 - 4 GHz
v00.0307
-30
-25
-20
-15
-10
-5
0
2
2.25
2.5
2.75
3
3.25
3.5
3.75
4
+25C
+85C
-40C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
2
2.25
2.5
2.75
3
3.25
3.5
3.75
4
+25C
+85C
-40C
FREQUENCY (GHz)
16
17
18
19
20
21
22
23
24
25
26
2
2.25
2.5
2.75
3
3.25
3.5
3.75
4
+25C
+85C
-40C
FREQUENCY (GHz)
16
17
18
19
20
21
22
23
24
25
26
2
2.25
2.5
2.75
3
3.25
3.5
3.75
4
+25C
+85C
-40C
FREQUENCY (GHz)
5
6
7
8
9
10
11
12
2
2.25
2.5
2.75
3
3.25
3.5
3.75
4
+25C
+85C
-40C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
5
10
15
12345678
9
S21
S11
S22
FREQUENCY (GHz)


Similar Part No. - HMC594LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC594LC3B HITTITE-HMC594LC3B Datasheet
225Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC594LC3B HITTITE-HMC594LC3B Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC594LC3B AD-HMC594LC3B Datasheet
356Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC594LC3B AD-HMC594LC3B Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC594LC3B HITTITE-HMC594LC3B_10 Datasheet
225Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
More results

Similar Description - HMC594LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC609 HITTITE-HMC609_10 Datasheet
248Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC594LC3B HITTITE-HMC594LC3B_10 Datasheet
225Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC594 HITTITE-HMC594 Datasheet
292Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC594 HITTITE-HMC594_09 Datasheet
244Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC609LC4 HITTITE-HMC609LC4_09 Datasheet
306Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC609 HITTITE-HMC609 Datasheet
302Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC609LC4 HITTITE-HMC609LC4 Datasheet
273Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC462LP5 HITTITE-HMC462LP5_10 Datasheet
974Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC462 HITTITE-HMC462_10 Datasheet
533Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
logo
Analog Devices
ADL9006CHIPS AD-ADL9006CHIPS Datasheet
541Kb / 16P
   2 GHz to 28 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com