Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16C2550BIBS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SC16C2550BIBS
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C2550BIBS Datasheet(HTML) 4 Page - NXP Semiconductors

  SC16C2550BIBS Datasheet HTML 1Page - NXP Semiconductors SC16C2550BIBS Datasheet HTML 2Page - NXP Semiconductors SC16C2550BIBS Datasheet HTML 3Page - NXP Semiconductors SC16C2550BIBS Datasheet HTML 4Page - NXP Semiconductors SC16C2550BIBS Datasheet HTML 5Page - NXP Semiconductors SC16C2550BIBS Datasheet HTML 6Page - NXP Semiconductors SC16C2550BIBS Datasheet HTML 7Page - NXP Semiconductors SC16C2550BIBS Datasheet HTML 8Page - NXP Semiconductors SC16C2550BIBS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
SC16C2550B_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 15 February 2007
4 of 43
NXP Semiconductors
SC16C2550B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
5.
Pinning information
5.1 Pinning
Fig 2.
Pin configuration for HVQFN32
Fig 3.
Pin configuration for DIP40
002aab746
SC16C2550BIBS
Transparent top view
A2
OP2B
CSA
A1
TXB
A0
TXA
INTB
RXA
INTA
RXB
OP2A
D7
RTSA
D6
RESET
8
17
7
18
6
19
5
20
4
21
3
22
2
23
1
24
terminal 1
index area
SC16C2550BIN40
D0
VCC
D1
RIA
D2
CDA
D3
DSRA
D4
CTSA
D5
RESET
D6
DTRB
D7
DTRA
RXB
RTSA
RXA
OP2A
TXA
INTA
TXB
INTB
OP2B
A0
CSA
A1
CSB
A2
XTAL1
CTSB
XTAL2
RTSB
IOW
RIB
CDB
DSRB
GND
IOR
002aaa596
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
22
21
24
23
26
25
40
39
38
37
36
35
34
33
32
31
30
29
28
27


Similar Part No. - SC16C2550BIBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C2550BIBS NXP-SC16C2550BIBS Datasheet
221Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
More results

Similar Description - SC16C2550BIBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
SC16C2550B NXP-SC16C2550B Datasheet
221Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
SC16C2550B PHILIPS-SC16C2550B Datasheet
200Kb / 42P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C554B PHILIPS-SC16C554B Datasheet
253Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 01-9 February 2005
SC16C554BIB80-T NXP-SC16C554BIB80-T Datasheet
1Mb / 58P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C554B NXP-SC16C554B_10 Datasheet
1Mb / 58P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C752B PHILIPS-SC16C752B Datasheet
225Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 03-14 December 2004
SC16C752B NXP-SC16C752B Datasheet
226Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 05-2 October 2008
SC16C754B PHILIPS-SC16C754B Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C754B NXP-SC16C754B Datasheet
252Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 04-6 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com