Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2369AIDCNT Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2369AIDCNT
Description  1.8V, 1關A max, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2369AIDCNT Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA2369AIDCNT Datasheet HTML 6Page - Burr-Brown (TI) OPA2369AIDCNT Datasheet HTML 7Page - Burr-Brown (TI) OPA2369AIDCNT Datasheet HTML 8Page - Burr-Brown (TI) OPA2369AIDCNT Datasheet HTML 9Page - Burr-Brown (TI) OPA2369AIDCNT Datasheet HTML 10Page - Burr-Brown (TI) OPA2369AIDCNT Datasheet HTML 11Page - Burr-Brown (TI) OPA2369AIDCNT Datasheet HTML 12Page - Burr-Brown (TI) OPA2369AIDCNT Datasheet HTML 13Page - Burr-Brown (TI) OPA2369AIDCNT Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.ti.com
R =
F
V
REF
1000(I
BMAX)
=
1.2V
1000(50pA)
= 24M
20M
W
W
»
(1)
R =R
1
F
=20MW
V
HYST
V
BATT
=420kW
50mV
2.4V
(2)
R
I
OPA369
V
IN
V
OUT
RF
C
FB
C
IN
BATTERY MONITORING
R =
2
-
V
THRS
V
BATT
1
R
1
1
(
)
-
1
R
1
=
-
2V
1.2V
420kW
´
1
420kW
1
(
)
-
1
20MW
= 650kW
(3)
R
=
BIAS
=0.9MW
V
BATTMIN
I
BIAS
= 1.8V
2 A
m
(4)
REF1112
OPA369
+IN
OUT
-
IN
V
STATUS
V
BATT
V
REF
R
1
R
2
R
BIAS
I
BIAS
R
F
+
OPA369
OPA2369
SBOS414A – AUGUST 2007 – REVISED SEPTEMBER 2007
In unity-gain inverter configuration, phase margin can
1. Selecting RF: Select RF such that the current
be reduced by the reaction between the capacitance
through RF is approximately 1000x larger than
at the op amp input and the gain setting resistors.
the maximum bias current over temperature:
Best performance is achieved by using smaller
valued
resistors.
However,
when
larger
valued
resistors cannot be avoided, a small (4pF to 6pF)
capacitor, CFB, can be inserted in the feedback, as
shown in Figure 25. This configuration significantly
reduces overshoot by compensating the effect of
capacitance, CIN, which includes the amplifier input
2. Choose
the
hysteresis
voltage,
VHYST. For
capacitance and printed circuit board (PCB) parasitic
battery-monitoring
applications,
50mV
is
capacitance.
adequate.
3. Calculate R1 as follows:
4. Select a threshold voltage for VIN rising (VTHRS) =
2.0V
5. Calculate R2 as follows:
Figure 25. Improving Stability for Large RF and RIN
The low operating voltage and quiescent current of
the OPA369 series make it an excellent choice for
battery
monitoring
applications,
as
shown
in
6. Calculate RBIAS: The minimum supply voltage for
Figure 26. In this circuit, VSTATUS is high as long as
this circuit is 1.8V. The REF1112 has a current
the battery voltage remains above 2V. A low-power
requirement
of
1.2
μA
(max).
Providing
the
reference is used to set the trip point. Resistor values
REF1112 with 2
μA of supply current assures
are selected as follows:
proper operation. Therefore:
Figure 26. Battery Monitor
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): OPA369 OPA2369


Similar Part No. - OPA2369AIDCNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2369AIDCNT TI-OPA2369AIDCNT Datasheet
820Kb / 19P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA2369AIDCNT TI-OPA2369AIDCNT Datasheet
922Kb / 20P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA2369AIDCNTG4 TI-OPA2369AIDCNTG4 Datasheet
820Kb / 19P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA2369AIDCNTG4 TI-OPA2369AIDCNTG4 Datasheet
922Kb / 20P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2369AIDCNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA369 TI-OPA369_1 Datasheet
922Kb / 20P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA369 TI-OPA369 Datasheet
820Kb / 19P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA369 TI-OPA369_15 Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
Analog Devices
ADA4505-2 AD-ADA4505-2 Datasheet
708Kb / 20P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. 0
logo
SG Micro Corp
SGM321 SGMICRO-SGM321 Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8531 SGMICRO-SGM8531 Datasheet
675Kb / 16P
   500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8521 SGMICRO-SGM8521 Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8541 SGMICRO-SGM8541 Datasheet
618Kb / 14P
   1.1MHz, 42關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM721 SGMICRO-SGM721 Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8631 SGMICRO-SGM8631 Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com