Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2369AIDCNRG4 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2369AIDCNRG4
Description  1.8V, 1關A max, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2369AIDCNRG4 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button OPA2369AIDCNRG4 Datasheet HTML 7Page - Burr-Brown (TI) OPA2369AIDCNRG4 Datasheet HTML 8Page - Burr-Brown (TI) OPA2369AIDCNRG4 Datasheet HTML 9Page - Burr-Brown (TI) OPA2369AIDCNRG4 Datasheet HTML 10Page - Burr-Brown (TI) OPA2369AIDCNRG4 Datasheet HTML 11Page - Burr-Brown (TI) OPA2369AIDCNRG4 Datasheet HTML 12Page - Burr-Brown (TI) OPA2369AIDCNRG4 Datasheet HTML 13Page - Burr-Brown (TI) OPA2369AIDCNRG4 Datasheet HTML 14Page - Burr-Brown (TI) OPA2369AIDCNRG4 Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
WINDOW COMPARATOR
V =
H
R
2
R + R
1
2
(5)
V =
L
R
4
R + R
3
4
(6)
3V
A1
A2
D1
(2)
D2
(2)
R
5
10kW
R
6
5.1kW
R
7
5.1kW
R
IN
2kW
(1)
3V
3V
Q1
(3)
R
1
V
H
V
L
R
2
1/2
OPA2369
1/2
OPA2369
3V
V
OUT
V
IN
3V
R
3
R
4
NOTES: (1)R
protectsA1andA2frompossibleexcesscurrentflow.
IN
(2)IN4446orequivalentdiodes.
(3)2N2222orequivalentNPNtransistor.
ADDITIONAL APPLICATION EXAMPLES
R
1
V
EX
V
OUT
V
REF
R
1
OPA369
R
R
R R
+5V
OPA369
OPA2369
SBOS414A – AUGUST 2007 – REVISED SEPTEMBER 2007
If VIN falls below VL, the output of A2 is high, current
flows through D2, and VOUT is low. Likewise, if VIN
Figure 27 shows the OPA2369 used as a window
rises above VH, the output of A1 is high, current flows
comparator. The threshold limits are set by VH and
through D1, and VOUT is low. The window comparator
VL, with VH > VL. When VIN < VH, the output of A1 is
threshold voltages are set as follows:
low. When VIN >VL, the output of A2 is low.
Therefore, both op amp outputs are at 0V as long as
VIN is between VH and VL. This configuration results
in no current flowing through either diode, Q1 in
cutoff, with the base voltage at 0V, and VOUT forced
high.
Figure 27. OPA2369 as a Window Comparator
Figure 28 through Figure 32 illustrate additional application examples.
Figure 28. Single Op Amp Bridge Amplifier
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA369 OPA2369


Similar Part No. - OPA2369AIDCNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2369AIDCNRG4 TI-OPA2369AIDCNRG4 Datasheet
820Kb / 19P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA2369AIDCNRG4 TI-OPA2369AIDCNRG4 Datasheet
922Kb / 20P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2369AIDCNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA369 TI-OPA369_1 Datasheet
922Kb / 20P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA369 TI-OPA369 Datasheet
820Kb / 19P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA369 TI-OPA369_15 Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
Analog Devices
ADA4505-2 AD-ADA4505-2 Datasheet
708Kb / 20P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. 0
logo
SG Micro Corp
SGM321 SGMICRO-SGM321 Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8531 SGMICRO-SGM8531 Datasheet
675Kb / 16P
   500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8521 SGMICRO-SGM8521 Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8541 SGMICRO-SGM8541 Datasheet
618Kb / 14P
   1.1MHz, 42關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM721 SGMICRO-SGM721 Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8631 SGMICRO-SGM8631 Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com