Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1514S112B Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R1514S112B
Description  150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1514S112B Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R1514S112B Datasheet HTML 2Page - RICOH electronics devices division R1514S112B Datasheet HTML 3Page - RICOH electronics devices division R1514S112B Datasheet HTML 4Page - RICOH electronics devices division R1514S112B Datasheet HTML 5Page - RICOH electronics devices division R1514S112B Datasheet HTML 6Page - RICOH electronics devices division R1514S112B Datasheet HTML 7Page - RICOH electronics devices division R1514S112B Datasheet HTML 8Page - RICOH electronics devices division R1514S112B Datasheet HTML 9Page - RICOH electronics devices division R1514S112B Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
R1514x
6
TYPICAL APPLICATION
C1
R1514x
Series
VDD
VOUT
CE
GND
C2
C1=Ceramic 0.1
µF
C2=Ceramic 0.1
µF
VOUT
TECHNICAL NOTES
When using these ICs, consider the following points:
Phase Compensation
Phase Compensation of the R1514x Series has been made internally for stable operation even though the
load current would vary. Therefore, without the capacitors, C1 and C2, the output voltage is regulated, however,
for more stable operation, use capacitors as C1 and C2. Especially, if the input line is long and impedance is high,
C1 is necessary. Moreover, if you use rather large C2, transient response will be improved. Recommended value
is in the range from 0.1
µF to 10µF. Wiring should be made as short as possible.
Connect the capacitor, C1 between VDD pin and GND pin and C2 between VOUT and GND as close as possible.
GND wiring of mounting on board
No.2 pin and No.4 pin of SOT-89-5 package must be wired to the GND plane. No.2 pin, No.4 pin and No.5 pin
of HSOP-6J package must be wired to the GND plane when it is mounted on board.
Thermal Shutdown
Thermal shutdown function is included in the R1514x Series, if the junction temperature is equal or more than
+150
°C(Typ.), the operation of regulator would stop. After that, when the junction temperature is equal or less
than +125
°C(Typ.), the operation of regulator would restart. Unless the cause of rising temperature would
remove, the regulator repeats on and off, and output waveform would be like consecutive pulses.
Chip Enable Circuit
Do not make voltage level of chip enable pin keep floating level, or in between VCEH and VCEL. Otherwise, the
output voltage would be unstable or indefinite, or unexpected current would flow internally.


Similar Part No. - R1514S112B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1514S100B-E2-FE RICOH-R1514S100B-E2-FE Datasheet
254Kb / 15P
   Input Voltage Max. 36V
logo
Nisshinbo Micro Devices...
R1514S120B NISSHINBO-R1514S120B Datasheet
525Kb / 22P
   150 mA Voltage Regulator (Wide Input Voltage Range) for High Temperature Applications
logo
RICOH electronics devic...
R1514S120B-E2-FE RICOH-R1514S120B-E2-FE Datasheet
254Kb / 15P
   Input Voltage Max. 36V
logo
Nisshinbo Micro Devices...
R1514S120B-E2-FE NISSHINBO-R1514S120B-E2-FE Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
More results

Similar Description - R1514S112B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1154 RICOH-R1154 Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1514X NISSHINBO-R1514X Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com