Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3113D251X Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R3113D251X
Description  LOW VOLTAGE DETECTOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3113D251X Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R3113D251X Datasheet HTML 4Page - RICOH electronics devices division R3113D251X Datasheet HTML 5Page - RICOH electronics devices division R3113D251X Datasheet HTML 6Page - RICOH electronics devices division R3113D251X Datasheet HTML 7Page - RICOH electronics devices division R3113D251X Datasheet HTML 8Page - RICOH electronics devices division R3113D251X Datasheet HTML 9Page - RICOH electronics devices division R3113D251X Datasheet HTML 10Page - RICOH electronics devices division R3113D251X Datasheet HTML 11Page - RICOH electronics devices division R3113D251X Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
R3113D
8
ELECTRICAL CHARACTERISTICS BY DETECTOR THRESHOLD
R3113D121x to R3113D451x
Detector Threshold
Detector Threshold
Hysteresis
Supply Current 1
Supply Current 2
VDET[V]
VHYS[V]
ISS1[
µA]
ISS2[
µA]
Part
Number
Min
Typ.
Max.
Min.
Typ.
Max.
Condition
Typ.
Max.
Condition
Typ.
Max.
R3113D121x
1.1
1.200
1.224
0.036
0.060
0.084
R3113D131x
1.2
1.300
1.326
0.039
0.065
0.091
R3113D141x
1.3
1.400
1.428
0.042
0.070
0.098
R3113D151x
1.4
1.500
1.530
0.045
0.075
0.105
0.8
2.0
1.1
2.7
R3113D161x
1.5
1.600
1.632
0.048
0.080
0.112
R3113D171x
1.6
1.700
1.734
0.051
0.085
0.119
R3113D181x
1.7
1.800
1.836
0.054
0.090
0.126
R3113D191x
1.8
1.900
1.938
0.057
0.095
0.133
R3113D201x
1.9
2.000
2.040
0.060
0.100
0.140
R3113D211x
2.0
2.100
2.142
0.063
0.105
0.147
R3113D221x
2.1
2.200
2.244
0.066
0.110
0.154
R3113D231x
2.2
2.300
2.346
0.069
0.115
0.161
R3113D241x
2.3
2.400
2.448
0.072
0.120
0.168
R3113D251x
2.4
2.500
2.550
0.075
0.125
0.175
R3113D261x
2.5
2.600
2.652
0.078
0.130
0.182
R3113D271x
2.6
2.700
2.754
0.081
0.135
0.189
R3113D281x
2.7
2.800
2.856
0.084
0.140
0.196
R3113D291x
2.8
2.900
2.958
0.087
0.145
0.203
R3113D301x
2.9
3.000
3.060
0.090
0.150
0.210
R3113D311x
3.0
3.100
3.162
0.093
0.155
0.217
R3113D321x
3.1
3.200
3.264
0.096
0.160
0.224
R3113D331x
3.2
3.300
3.366
0.099
0.165
0.231
R3113D341x
3.3
3.400
3.468
0.102
0.170
0.238
R3113D351x
3.4
3.500
3.570
0.105
0.175
0.245
R3113D361x
3.5
3.600
3.672
0.108
0.180
0.252
R3113D371x
3.6
3.700
3.774
0.111
0.185
0.259
R3113D381x
3.7
3.800
3.876
0.114
0.190
0.266
R3113D391x
3.8
3.900
3.978
0.117
0.195
0.273
R3113D401x
3.9
4.000
4.080
0.120
0.200
0.280
R3113D411x
4.0
4.100
4.182
0.123
0.205
0.287
R3113D421x
4.1
4.200
4.284
0.126
0.210
0.294
R3113D431x
4.2
4.300
4.386
0.129
0.215
0.301
R3113D441x
4.3
4.400
4.488
0.132
0.220
0.308
R3113D451x
4.4
4.500
4.590
0.135
0.225
0.315
VDD
=
(
−VDET)
−0.10V
1.3
3.3
VDD
=
(
−VDET)
+1.0V
1.4
3.6
∗Note1:In the case of CMOS Output type: The time interval between the rising edge of VDD input pulse from
0.85V to (
+VDET) +1.0V and output voltage level becoming to VDD/2.
Condition1: Topt
=25°C
Condition2:
−40°C <
= Topt <
= 85°C
∗Note2:The Minimum operating voltage means the value of input voltage when output voltage maintains 0.1V
or less. (In the case of Nch Open Drain Output type, the output pin is pulled up with a resistance of
470k
Ω to 5.0V.)


Similar Part No. - R3113D251X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
R3110 ONSEMI-R3110 Datasheet
161Kb / 14P
   Pre-fit DSP Solution
February, 2015 ??Rev. 1
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
   SAW Resonator
logo
RICOH electronics devic...
R3111D091A RICOH-R3111D091A Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111D091B RICOH-R3111D091B Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111D091C RICOH-R3111D091C Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
More results

Similar Description - R3113D251X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VS RICOH-RN5VS Datasheet
202Kb / 30P
   LOW VOLTAGE DETECTOR
R3111XXX1A RICOH-R3111XXX1A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111X RICOH-R3111X Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111X091A RICOH-R3111X091A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R5VT09A RICOH-R5VT09A Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com