Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3115Z Datasheet(PDF) 27 Page - RICOH electronics devices division

Part # R3115Z
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3115Z Datasheet(HTML) 27 Page - RICOH electronics devices division

Back Button R3115Z Datasheet HTML 20Page - RICOH electronics devices division R3115Z Datasheet HTML 21Page - RICOH electronics devices division R3115Z Datasheet HTML 22Page - RICOH electronics devices division R3115Z Datasheet HTML 23Page - RICOH electronics devices division R3115Z Datasheet HTML 24Page - RICOH electronics devices division R3115Z Datasheet HTML 25Page - RICOH electronics devices division R3115Z Datasheet HTML 26Page - RICOH electronics devices division R3115Z Datasheet HTML 27Page - RICOH electronics devices division R3115Z Datasheet HTML 28Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
PACKAGE INFORMATION
PE-WLCSP-4-P2-0610
RECOMMENDED LAND PATTERN
NSMD
Solder Mask
(resist)
Copper Pad
Substrate
SMD
(Unit : mm)
NSMD and SMD Pad Definition
Pad definition
Copper Pad
Solder Mask Opening
NSMD (Non-Solder Mask defined)
0.20mm
Min. 0.30mm
SMD (Solder Mask defined)
Min. 0.30mm
0.20mm
*
Pad layout and size can be modified by customers material, equipment, method.
*
Please adjust pad layout according to your conditions.
*
Recommended Stencil Aperture Size....ø0.3mm
*
Since lead free WL-CSP components are not compatible with the tin/lead solder process, you shall not mount lead free WL-CSP
components using the tin/lead solder paste.
NSMD
SMD


Similar Part No. - R3115Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
R3110 ONSEMI-R3110 Datasheet
161Kb / 14P
   Pre-fit DSP Solution
February, 2015 ??Rev. 1
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
   SAW Resonator
logo
RICOH electronics devic...
R3111D091A RICOH-R3111D091A Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111D091B RICOH-R3111D091B Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111D091C RICOH-R3111D091C Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
More results

Similar Description - R3115Z

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112X RICOH-R3112X Datasheet
951Kb / 30P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3112X091A RICOH-R3112X091A Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Rohm
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXF ROHM-BU42XXF Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXF ROHM-BU43XXF Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXFVE ROHM-BU43XXFVE Datasheet
329Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com