Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC338LC3B Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part No. HMC338LC3B
Description  GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC338LC3B Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC338LC3B Datasheet HTML 1Page - Hittite Microwave Corporation HMC338LC3B Datasheet HTML 2Page - Hittite Microwave Corporation HMC338LC3B Datasheet HTML 3Page - Hittite Microwave Corporation HMC338LC3B Datasheet HTML 4Page - Hittite Microwave Corporation HMC338LC3B Datasheet HTML 5Page - Hittite Microwave Corporation HMC338LC3B Datasheet HTML 6Page - Hittite Microwave Corporation HMC338LC3B Datasheet HTML 7Page - Hittite Microwave Corporation HMC338LC3B Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
8
8 - 237
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC338LC3B
GaAs MMIC SUB-HARMONIC
SMT MIXER, 24 - 34 GHz
v01.0107
Outline Drawing
Pin Descriptions
NOTES:
1. PACKAGE BODY MATERIAL: ALUMINA.
2. LEAD AND GROUND PADDLE PLATING: GOLD FLASH OVER NICKEL.
3. DIMENSIONS ARE IN INCHES (MILLIMETERS).
4. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
5. CHARACTERS TO BE HELVETICA MEDIUM, .025 HIGH, BLACK INK,
OR LASER MARK LOCATED APPROX. AS SHOWN.
6. PACKAGE WARP SHALL NOT EXCEED 0.05MM DATUM – C –
7. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED
TO PCB RF GROUND.
Pin Number
Function
Description
Interface Schematic
1, 3, 4, 6, 7, 9
GND
Package bottom must also be connected to RF/DC ground.
2LO
This pin is AC coupled and matched to
50 Ohms from 12 - 17 GHz.
5IF
This pin is DC coupled and should be DC blocked externally using
a series capacitor whose value has been chosen to pass the neces-
sary IF frequency range. Any applied DC voltage to this pin will
result in die non-function and possible die failure.
8RF
This pin is AC coupled and matched to
50 Ohms from 24 - 34 GHz.
10
Vdd
Power supply for the LO Amplifier.
11, 12
N/C
No connection required. These pins may be connected to RF/DC
ground without affecting performance.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HMC258LC3B GaAs MMIC SUB-HARMONIC SMT MIXER 14.5 - 19.5 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC110G16 1 dB LSB GaAs MMIC SMT 5-BIT DIGITAL ATTENUATOR DC - 2.0 GHz 1  2  3  4  Hittite Microwave Corporation
HMC561LP3 SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER 8 - 21 GHz OUTPUT 1  2  3  4  5  More Hittite Microwave Corporation
MA4EX2401 GaAs MMIC Double Balanced 24 GHz Mixer 1  2  3  4  Tyco Electronics
XM1003-BD 32.0-42.0 GHz GaAs MMIC Image Reject Mixer 1  2  3  4  5  More Mimix Broadband
XM1004-BD 20.0-38.0 GHz GaAs MMIC Balanced Mixer 1  2  3  4  5  Mimix Broadband
MA4EX1201-1300T GaAs MMIC Double Balanced 11-15 GHz Mixer 1  2  3  Tyco Electronics
XM1005-BD 37.0-46.0 GHz GaAs MMIC Balanced Image Reject Mixer 1  2  3  4  5  More Mimix Broadband
XM1006-BD 13.0-25.0 GHz GaAs MMIC Image Reject Mixer 1  2  3  4  5  More Mimix Broadband
HMC-C043 GaAs MMIC I/Q MIXER MODULE 11 - 16 GHz 1  2  3  4  5  More Hittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn