Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3112X Datasheet(PDF) 16 Page - RICOH electronics devices division

Part # R3112X
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3112X Datasheet(HTML) 16 Page - RICOH electronics devices division

Back Button R3112X Datasheet HTML 12Page - RICOH electronics devices division R3112X Datasheet HTML 13Page - RICOH electronics devices division R3112X Datasheet HTML 14Page - RICOH electronics devices division R3112X Datasheet HTML 15Page - RICOH electronics devices division R3112X Datasheet HTML 16Page - RICOH electronics devices division R3112X Datasheet HTML 17Page - RICOH electronics devices division R3112X Datasheet HTML 18Page - RICOH electronics devices division R3112X Datasheet HTML 19Page - RICOH electronics devices division R3112X Datasheet HTML 20Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
R3112x
16
R3112x271x
R3112x451x
20
16
12
8
4
0
VDS(V)
0
0.5
1
1.5
2
2.5
Topt=25
°C
VDD=2.5V
1.0V
1.5V
2.0V
20
16
12
8
4
0
VDS(V)
0
0.5
1.5
3
3.5
4
2
1
2.5
Topt=25
°C
VDD=2.5V
VDD=3.0V
VDD=4.0V
VDD=3.5V
1.0V
1.5V
2.0V
5) Nch Driver Output Current vs. Input Voltage
R3112x091x
R3112x131x
2.0
1.5
1.0
0.5
0.0
Input Voltage VIN(V)
0
0.2
0.4
0.6
0.8
1
Topt=25
°C
-40
°C
85
°C
5
4
2
1
0
Input Voltage VIN(V)
0
0.3
0.6
0.9
1.2
1.5
3
Topt=-40
°C
85
°C
25
°C
R3112x271x
R3112x451x
5
4
0
Input Voltage VIN(V)
0
0.5
3
1
1.5
2
2.5
3
2
1
Topt=-40
°C
85
°C
25
°C
5
4
0
Input Voltage VIN(V)
01
23
4
5
3
2
1
Topt=-40
°C
85
°C
25
°C


Similar Part No. - R3112X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112X091A RICOH-R3112X091A Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
More results

Similar Description - R3112X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112X091A RICOH-R3112X091A Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3115Z RICOH-R3115Z Datasheet
884Kb / 28P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Rohm
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXF ROHM-BU42XXF Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXF ROHM-BU43XXF Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXFVE ROHM-BU43XXFVE Datasheet
329Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com