Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1R-0726 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M1R-0726
Description  DOUBLE-BALANCED MIXERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M1R-0726 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M1R-0726 Datasheet HTML 1Page - List of Unclassifed Manufacturers M1R-0726 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4/23/07
rev 4
DOUBLE-BALANCED MIXERS
M1R-0726
Page 2
LO/RF 7.0 to 26.5 GHz
IF DC to 8.0 GHz
Specifications guaranteed
from -55 to +100
°C,
measured in a 50-Ohm System
For additional information, please visit the following
sections on the Marki Microwave website.
Data Sheet Notes
Application Notes
Package Outlines
MTBF Calculations
Terms & Conditions of Sale
Sales/Contact Information
View Entire Product Line
L-R
L-I
1:1
2:1
3:1
10
20
30
40
RF Port VSWR
2:1
3:1
LO Port VSWR
LO to RF/IF Isolation - dB
2.0
3.0
1.0
Relative IF Response - dB
9.0
7.0
5.0
Conversion Loss - dB
Ref
7.0
GHz
26.5
7.0
GHz
26.5
7.0
GHz
26.5
DC
GHz
8.0
7.0
GHz
26.5
4:1
Marki Microwave reserves the right to make changes to the product(s) or information contained herein without notice. Marki Microwave makes no
warranty, representation, or guarantee regarding the suitability of its products for any particular purpose, nor does Marki Microwave assume any
liability whatsoever arising out of the use or application of any product.
© Marki Microwave, Inc.
215 Vineyard Court, Morgan Hill, CA 95037 | Ph: 408.778.4200 | Fax 408.778.4300 | info@markimicrowave.com
www.markimicrowave.com


Similar Part No. - M1R-0726

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
M1R-0726 MARKIMICROWAVE-M1R-0726 Datasheet
199Kb / 2P
   DOUBLE-BALANCED MIXERS
More results

Similar Description - M1R-0726

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
73128 ANAREN-73128 Datasheet
170Kb / 1P
   Mixers Double Balanced
74125 ANAREN-74125 Datasheet
153Kb / 1P
   Mixers Double Balanced
logo
List of Unclassifed Man...
M1-0614 ETC2-M1-0614 Datasheet
95Kb / 2P
   DOUBLE-BALANCED MIXERS
logo
Merrimac Industries, In...
DMM-12-500 MERRIMAC-DMM-12-500 Datasheet
1Mb / 1P
   DOUBLE BALANCED MIXERS
DMM-4-250 MERRIMAC-DMM-4-250 Datasheet
216Kb / 1P
   DOUBLE BALANCED MIXERS
logo
Marki Microwave
M1-0204 MARKIMICROWAVE-M1-0204 Datasheet
175Kb / 2P
   DOUBLE-BALANCED MIXERS
M1-0220 MARKIMICROWAVE-M1-0220 Datasheet
151Kb / 2P
   DOUBLE-BALANCED MIXERS
M4-0126 MARKIMICROWAVE-M4-0126 Datasheet
198Kb / 3P
   DOUBLE-BALANCED MIXERS
M8-0326 MARKIMICROWAVE-M8-0326 Datasheet
177Kb / 2P
   DOUBLE-BALANCED MIXERS
M8-0420 MARKIMICROWAVE-M8-0420 Datasheet
198Kb / 2P
   DOUBLE-BALANCED MIXERS
M1-0208 MARKIMICROWAVE-M1-0208 Datasheet
242Kb / 3P
   DOUBLE-BALANCED MIXERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com